Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7922F76U8HR-2T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B7922F76U8HR-2T
Description  4U4S Server Platform Designed for up to 4x Coprocessor Modules Deployment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B7922F76U8HR-2T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B7922F76U8HR-2T Datasheet HTML 1Page - List of Unclassifed Manufacturers B7922F76U8HR-2T Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4U4S Server Platform Designed for
up to 4x Coprocessor Modules
Deployment
FT76-B7922
B7922F76U8HR-4T-HE-X / B7922F76U8HR-4T
B7922F76U8HR-2T
Specifications are subject to change without notice. Items pictured may only be representative.
4U
QUAD-SOCKET
4GPGPU
PLATFORM
Front View
Front View
Back View
Back View
Quad Socket R1 supports (4) E7-8800/E7-4800 v3 series processors
Intel® C602-J PCH
(96) DIMM slots
RDIMM/LRDIMM/LRDIMM 3DS DDR4 Lockstep Mode – 1333, 1600,1866
Up to 3,072GB RDIMM/ 6,144GB LRDIMM/ 12,288GB LRDIMM 3DS
*Follow latest Intel DDR4 Memory POR
(4) Full-Height/ Full-Length PCI-E Gen3 x16 slots
(2) Full-Height/ Full-Length PCI-E Gen3 x8 slots
(2) Hot-Swap Full-Height/ Full-Length PCI-E Gen3 x8 slots
(1) Full-Height/ Full-Length PCI-E Gen2 x8 slot
(-HE-X SKU)
(8) Hot-swap 2.5" SAS 12Gb/s/ SATA 6Gb/s HDDs
(4) 10GbE (via Intel® X540-BT2 & Pre-install P1210C-2T TYAN Mezz Card) (-4T SKU)
(1) PHY (via Realtek® RTL8211E)
Onboard BMC w/ IPMI and iKVM support
(3+1) 3,000 Watts (100-127Vac input) / 4,800 Watts (200-240Vac input) RPSU
80-plus Platinum
• (8) hot-swap 2.5" HDDs support SAS 12Gb/s/ SATA 6Gb/s
• (4) FH/ FL PCI-E Gen3 x16 slots
• (2) FH/ FL PCI-E Gen3 x8 slots
• (2) Hot-Swap FH/ FL PCI-E Gen3 x8 slots
• (1) FH/ HL PCI-E Gen2 x8 slot
or
• (10) FH/ FL PCI-E Gen3 x8 slots
• (2) Hot-Swap FH/ FL PCI-E Gen3 x8 slots
• (1) FH/ FL PCI-E Gen2 x8 slot
• (3+1) 3,000 Watts (100-127Vac input) /
4,800 Watts(200-240Vac input) RPSU 80-plus Platinum


Similar Part No. - B7922F76U8HR-2T

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7920 EPCOS-B7920 Datasheet
143Kb / 15P
   SAW Duplexer WCDMA / LTE Band XI
B7923 EPCOS-B7923 Datasheet
347Kb / 16P
   SAW Duplexer Cellular / WCDMA Band V
B7924 EPCOS-B7924 Datasheet
175Kb / 13P
   SAW Duplexer LTE Band 17
More results

Similar Description - B7922F76U8HR-2T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA80-B7071 ETC2-TA80-B7071 Datasheet
730Kb / 2P
   2U Server Platform Designed for up to 4x GPGPU/Coprocessor Modules Deployment
FT77C-B7079 ETC2-FT77C-B7079 Datasheet
1Mb / 2P
   4U Server Platform Designed for up to 8x Coprocessor
GA80-B7081 ETC2-GA80-B7081 Datasheet
1Mb / 2P
   1U Server Platform Designed for up to 3x GPGPU
GT86A-B7051 ETC2-GT86A-B7051 Datasheet
1Mb / 2P
   1U Storage Server Platform for HDFS Deployment
GF83-B7074 ETC2-GF83-B7074 Datasheet
1Mb / 2P
   1U Front-Serviced Storage Server Platform for HDFS Deployment
S5620 ETC2-S5620 Datasheet
1Mb / 2P
   Single-socket server implementation for CSP deployment
S7086 ETC2-S7086 Datasheet
850Kb / 2P
   Rack-optimization dual-socket server implmentation for CSP deployment
S7076 ETC2-S7076 Datasheet
1Mb / 2P
   Rack-optimized dual-socket server implmentation for CSP deployment
GT62A-B5512 ETC2-GT62A-B5512 Datasheet
1Mb / 2P
   Single-socket server platform for Rack Optimization, Server Storage applications
GN70-B7086 ETC2-GN70-B7086 Datasheet
1Mb / 2P
   2U Rack-Optimized Server Platform for HPC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com