Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GN70-B7086 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GN70-B7086
Description  2U Rack-Optimized Server Platform for HPC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GN70-B7086 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GN70-B7086 Datasheet HTML 1Page - List of Unclassifed Manufacturers GN70-B7086 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2U Rack-Optimized Server Platform
for HPC
GN70-B7086
B7086G70V6E2HR / B7086G70V8HR
Specifications are subject to change without notice. Items pictured may only be representative.
2U RACK-OPTIMIZED
SERVER
PLATFORM
Front View
Front View
Back View
Back View
Dual LGA2011 socket supports (2) E5-2600 v3 series CPU
Intel® C612 PCH
(8)+(8) DIMM slots
Support up to 512GB RDIMM DDR4 2133/1866/1600
Support up to 1,024GB LRDIMM DDR4 2133/1600
Support up to 2,048 LRDIMM 3DS DDR4 2133/1600
*Follow latest Intel DDR4 Memory POR*
Up to (6) PCI-E Gen3 slots by riser
(1) OCP slot for Mezz Card
(1) Proprietary slot for SAS Mezz Card
(4) PCI-E Gen3 x4 MiniSAS HD for NVMe devices(TYAN Proprietary) (-E SKU)
(8) hot-swap 2.5"/3.5" SAS 12Gb/s/ SATA 6Gb/s HDDs
(3) GbE (1 port shared with IPMI)
Onboard BMC w/ IPMI and iKVM support
(1+1) Redundant, ERP1U 770W PSU, 80 plus Gold
• (8) 2.5"/3.5"hot-swap SAS 12G/ SATA 6G HDDs
• (4) FH/FL PCI-E Gen3 x8 slot + (2) FH/HL PCI-E Gen3 x8 slot
• (1+1) 770W RPSU, 80+ Gold


Similar Part No. - GN70-B7086

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GN70-B7056 ETC2-GN70-B7056 Datasheet
837Kb / 2P
   High-end dual-socket server platform for HPC and enterprice virtualization applications
More results

Similar Description - GN70-B7086

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GT62B-B7076 ETC2-GT62B-B7076 Datasheet
1Mb / 2P
   RACK-OPTIMIZED 1U Dual-Socket Server Implementation for HPC Applications
S7017 ETC2-S7017 Datasheet
1Mb / 2P
   Dual-socket HPC server platform
S7018 ETC2-S7018 Datasheet
1Mb / 2P
   Dual-socket HPC server platform
S8226 ETC2-S8226 Datasheet
827Kb / 2P
   1U/2U-optimized dual-socket server platform for enterprise & IPDC applications
S8236 ETC2-S8236 Datasheet
751Kb / 2P
   1U/2U-optimized dual-socket server platform for enterprise & GPGPU applications
S8232 ETC2-S8232 Datasheet
876Kb / 2P
   High-End Dual-socket server platform for HPC
S7016 ETC2-S7016 Datasheet
991Kb / 2P
   High-end rack-optimized dual-socket server platform
S8238 ETC2-S8238 Datasheet
698Kb / 2P
   High-density dual-socket server platform for HPC application
S7012 ETC2-S7012 Datasheet
1,022Kb / 2P
   High-end dual-socket server platform for HPC and server virtualization applications
S8812 ETC2-S8812 Datasheet
753Kb / 2P
   High-performance quad-socket server platform for enterprise & HPC applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com