Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT24-B7067 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GT24-B7067
Description  RACK-OPTIMIZED 1U Dual-Socket Server Implementation for Server
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GT24-B7067 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GT24-B7067 Datasheet HTML 1Page - List of Unclassifed Manufacturers GT24-B7067 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RACK-OPTIMIZED 1U Dual-Socket
Server Implementation for Server
GT24-B7067
B7067G24V4H-2T / B7067G24W4H-2T
Specifications are subject to change without notice. Items pictured may only be representative.
RACK-OPTIMIZED
DUAL-SOCKET
1U PLATFORM
Front View
Front View
Back View
Back View
Dual LGA2011 socket supports (2) E5-2600/E5-2600 v2 series CPU
Intel® C602 PCH
(8)+(8) DIMM slots
Supporting up to 512GB LRDIMM ECC 1866/1600/1333/1066 memory
Supporting up to 256GB R-DDR3 ECC 1866/1600/1333/1066 memory
Supporting up to 128GB U-DDR3 ECC 1866/1600/1333/1066 memory
(1) Half-Height/ Half-Length PCI-E Gen3 x16 slot (w/ x8 link)
(4) Hot-swap 3.5"/2.5" SAS/SATA 6G HDDs
(2) 10GbE SFP+ (Broadcom® BCM57810S)
(1) GbE RJ-45 (Intel® 82574L shared with IPMI)
Onboard BMC w/ IPMI and iKVM support
(1) EPS1U 500W PSU, 80-PLUS Gold
•SAS/SATA 6Gb/s compatible HDD backplane pre-installed
•(4) Hot-Swap 3.5” HDD carriers w/ 2.5” bracket included
•(1) FH/HL PCI-E (G3) x8 slot


Similar Part No. - GT24-B7067

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GT24-B7066 ETC2-GT24-B7066 Datasheet
728Kb / 2P
   Cost-effective 1U Dual-Socket Server Implementation for Server Applications
More results

Similar Description - GT24-B7067

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GT62B-B7076 ETC2-GT62B-B7076 Datasheet
1Mb / 2P
   RACK-OPTIMIZED 1U Dual-Socket Server Implementation for HPC Applications
GT24-B7066 ETC2-GT24-B7066 Datasheet
728Kb / 2P
   Cost-effective 1U Dual-Socket Server Implementation for Server Applications
TA77-B7061 ETC2-TA77-B7061 Datasheet
776Kb / 2P
   2U Dual-Socket Server Implementation
GT20A-B7040 ETC2-GT20A-B7040 Datasheet
1Mb / 2P
   Cost-effective 1U Dual-Socket Server Implementation for power-efficient Applications
YR190-B8238-X2 ETC2-YR190-B8238-X2 Datasheet
543Kb / 2P
   High-Density 1U dual-socket SMP server implementation for HPC applications
YR190-B8228-X2 ETC2-YR190-B8228-X2 Datasheet
562Kb / 2P
   High-Density 1U dual-socket SMP server implementation for IPDC applications
S7082 ETC2-S7082 Datasheet
1Mb / 2P
   Dual-socket server implementation for high memory and rack optimization
S7076 ETC2-S7076 Datasheet
1Mb / 2P
   Rack-optimized dual-socket server implmentation for CSP deployment
S7016 ETC2-S7016 Datasheet
991Kb / 2P
   High-end rack-optimized dual-socket server platform
S7070 ETC2-S7070 Datasheet
810Kb / 2P
   Dual-socket server/workstation implementation for mainstream applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com