Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7051G86AW12-HE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B7051G86AW12-HE
Description  1U Storage Server Platform for HDFS Deployment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B7051G86AW12-HE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B7051G86AW12-HE Datasheet HTML 1Page - List of Unclassifed Manufacturers B7051G86AW12-HE Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dual LGA2011 socket supports (2) Intel® Xeon E5-2600 v2 series
processors
Intel® C602-J
(8)+(8) DIMM slots
Support up to 512GB LR-DDR3 1866/1600/1333/1066 w/ ECC
Support up to 256GB R-DDR3 1866/1600/1333/1066 w/ ECC
Support up to 128GB U-DDR3 1866/1600/1333/1066 w/ ECC
(1) OCP slot for OCP Mezz Card
(12) 3.5"/2.5" easy-swap HDDs bays support SATA 6Gb/s + (1)
2.5" xed SSD bay
(1) GbE ports shared with IPMI (via Intel® I210)
Onboard BMC w/ IPMI and iKVM support
500W PSU, 80 plus Platinum Certied
1U Storage Server Platform for
HDFS Deployment
GT86A-B7051
Specifications are subject to change without notice. Items pictured may only be representative.
Front View
Front View
Back View
Back View
1U STORAGE
SERVER
PLATFORM
B7051G86AW12-HE
Power Button with LED/ Reset Button
500W PSU, 80-plus Platinum


Similar Part No. - B7051G86AW12-HE

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B705 PULSE-B705 Datasheet
278Kb / 2P
   XDSL SPLITTER FILTER MODULE
logo
List of Unclassifed Man...
B7055F48V8HR ETC2-B7055F48V8HR Datasheet
879Kb / 2P
   DUAL-SOCKET 4GPGPU PLATFORM
B7055F48V8HR-2T(BTO) ETC2-B7055F48V8HR-2T(BTO) Datasheet
879Kb / 2P
   DUAL-SOCKET 4GPGPU PLATFORM
B7055F48V8HR-N129(BTO) ETC2-B7055F48V8HR-N129(BTO) Datasheet
879Kb / 2P
   DUAL-SOCKET 4GPGPU PLATFORM
B7055F48V8HR-N429(BTO) ETC2-B7055F48V8HR-N429(BTO) Datasheet
879Kb / 2P
   DUAL-SOCKET 4GPGPU PLATFORM
More results

Similar Description - B7051G86AW12-HE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GF83-B7074 ETC2-GF83-B7074 Datasheet
1Mb / 2P
   1U Front-Serviced Storage Server Platform for HDFS Deployment
logo
AAEON Technology
CRS-300S-2R AAEON-CRS-300S-2R_15 Datasheet
129Kb / 1P
   High Density 1U Storage Server
CRS-300S-2R AAEON-CRS-300S-2R Datasheet
129Kb / 1P
   High Density 1U Storage Server
CRS-300S-2R AAEON-CRS-300S-2R Datasheet
129Kb / 1P
   High Density 1U Storage Server
logo
List of Unclassifed Man...
GT62A-B5512 ETC2-GT62A-B5512 Datasheet
1Mb / 2P
   Single-socket server platform for Rack Optimization, Server Storage applications
FT76-B7922 ETC2-FT76-B7922 Datasheet
1Mb / 2P
   4U4S Server Platform Designed for up to 4x Coprocessor Modules Deployment
GA80-B7081 ETC2-GA80-B7081 Datasheet
1Mb / 2P
   1U Server Platform Designed for up to 3x GPGPU
TA80-B7071 ETC2-TA80-B7071 Datasheet
730Kb / 2P
   2U Server Platform Designed for up to 4x GPGPU/Coprocessor Modules Deployment
S8236 ETC2-S8236 Datasheet
751Kb / 2P
   1U/2U-optimized dual-socket server platform for enterprise & GPGPU applications
S8226 ETC2-S8226 Datasheet
827Kb / 2P
   1U/2U-optimized dual-socket server platform for enterprise & IPDC applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com