Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7020AGM2NR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # S7020AGM2NR
Description  Dual-socket server,workstation platform
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S7020AGM2NR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  S7020AGM2NR Datasheet HTML 1Page - List of Unclassifed Manufacturers S7020AGM2NR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(Specifications are subject to change without notice. Items pictured may only be
representative.)
Specifications
TYAN Business Unit
MITAC INTERNATIONAL CORP.
S7020
S7020WAGM2NR / S7020AGM2NR
Block Diagram
USA
Tel: +1-510-651-8868
Fax: +1-510-651-7688
Taiwan
Tel: +886-2-2652-5888
Fax: +886-2-2652-5805
China
Shanghai Tel: +86-21-61431188 Ext 1366
China Tel:-86-010-62555015 Ext 8302
Japan
Tel: +81-3-3769-8311
Fax: +81-3-3769-8328
Europe
Sales: +32 2456 1721
Technical Support: +32 2456 1722
ESI
6.4GT/s
6.4GT/s
CPU0
QPI
6.4GT/s
QPI
VRD 11.1
1.1
for CPU 0
for CPU 0
VRD 11.1
VRD 11.1
for CPU 1
for CPU 1
Intel Xeon
Quad-Core
5520 Series
Intel Xeon
Quad-Core
5520 Series
QPI
QPI
CHA
CHA
CHB
CHB
CHC
CHC
CHD
CHD
CHF
CHF
CHE
CHE
CPU1
DDR3 MEMORY*2
DDR3 MEMORY*2
DDR3 MEMORY*2
DDR3 MEMORY*2
DDR3 MEMORY*2
DDR3 MEMORY*2
5520
IOH
TPM
PCI-X 64/133
PCI-X 64/133
6702PXH
PCI-E Gen.2 x8 (x8)
PCI-E Gen.2 x16 (x16)
ICH10R
SIO
W83627DHG
USB2.0 port *4
USB2.0 header *4 (Front Panel)
(Rear I/O)
(onboard)
USB2.0 Type A *1
D-sub VGA
82574L
82574L
RJ45
RJ45
AST2050
BMC
ALC262
Serial Port *2
PS/2
FDD CONN
LPT Port
HWM W83793G
SATA *6
GLCI
GLCI
PCI-E x8 (x4)
LSI
1068E SAS
(Optional)
Mini SAS Conn
Mini SAS Conn
Intel
® Xeon® 5500/5600 series QC/DC processors
LGA1366 / (2)
130W
Up to 4.8/ 5.86/ 6.4GT/s with Intel QuickPath
Interconnect (QPI) support
Intel
® 5520 / ICH10R
Winbond W83627DHG
Intel
® 6702PXH
(12) DIMM sockets
DDR3 800/1066/1333 RDIMM/UDIMM
Up to 96GB at launch w/ dual rank RDIMMs
6 Channels (3 Channels per CPU)
1.5V
(1) PCI-E Gen.2 x16 slot
(1) PCI-E Gen.2 x8 slot
(1) PCI-E x8 slot (w/ x4 link)
(2) PCI-X 64-bit 133MHz/100MHz slots
(2)
Intel
® 82574L
Connector
(2) Mini-SAS connectors (support 8 ports)
Controller
LSI SAS1068E (S7020WGM2NR only)
Speed
3.0 Gb/s
RAID
RAID 0/1/1E (LSI Integrated RAID)
Connector
(6) SATA
Controller
ICH10R
Speed
3.0 Gb/s
RAID
RAID 0/1/10/5 (Intel® Matrix RAID)
D-Sub 15-pin
1600x1200@60Hz
Aspeed AST2050
Realtek ALC262
HDA 2.0 spec. complaint
(9) USB2.0 ports (4 at rear, 4 via cable, 1 type
A onboard)
(2) ports (1 at rear, 1 via cable)
(2) Mini-SAS (4-in-1) connectors
(S7020WGM2NR only)
(1) D-Sub 15-pin VGA port
(1) CD_IN header
(1) 2x5-pin front panel audio header
(1) 2x6-pin rear audio header
(2) GbE ports
(1) LPT header
SSI 24-pin + 8-pin + 8-pin power connectors /
EPS12V
(1) 2x12-pin SSI front panel header
(1) FDD connector
(6) SATA-II connectors
Winbond W83793G
Monitors voltage for CPU, memory, chipset &
power supply
Total (5) 4-pin headers
Total (5) 8-pin headers
PCI-E
Input /Output
PCI-X
Expansion Slots
COM
LPT
SATA
Graphic
Connector type
Audio
Chipset
Feature
HDA 2.0 spec. complaint
Feature
Voltage
Fan
SAS
(opt.)
Audio
FDD
Chipset
System
Monitoring
LAN
Port Q'ty
Controller
USB
VGA
RJ-45
Power
Front Panel
SATA
Resolution
Chipset
Storage
SAS
(opt.)
Memory
Supported DIMM Qty
DIMM Type / Speed
Capacity
Memory channel
Memory voltage
Chipset
PCI-X Bridge
IOH / ICH
Super I/O
Processor
Supported CPU Series
Socket Type / Q'ty
Thermal Design Power
(TDP) wattage
System Bus (MHz)
Monitors temperature for CPU & system
environment
Chassis intrusion detection
Watchdog timer support
Aspeed AST2050
IPMI 2.0 compliant baseboard management
controller (BMC)
BIOS update
USB 2.0 virtual hub
24-bit high quality video compression
Dual 10/100 Mb/s MAC interfaces
AMI / 4MB
Plug and Play (PnP) / PCI2.3
WfM2.0 / SMBIOS2.3 / PXE boot
ACPI 2.0 power management
Power on mode after power recovery
User-configurable H/W monitoring
Auto-configurable of hard disk types
Multiple boot options
SSI EEB
12"x13" (305x330mm)
Operation
System
Please refer to our OS supported list.
Class B
Yes
10° C ~ 35° C (50° F~ 95° F)
- 40° C ~ 70° C (-40° F ~ 158° F)
90%, non-condensing at 35° C
RoHS
Yes
System
Monitoring
RoHS 6/6 Complaint
Temperature
Others
Operating
Environment
Operating Temp.
Non-operating Temp.
In/Non-operating
Humidity
OS supported list
Regulation
FCC (DoC)
CE (DoC)
Brand / ROM size
Form Factor
Form Factor
Board Dimension
Feature
BIOS
Server
Management
Onboard Chipset
AST2050 iKVM Feature
AST2050 IPMI Feature
3-port audio bracket cable is optional
Notice


Similar Part No. - S7020AGM2NR

ManufacturerPart #DatasheetDescription
logo
C&K Components
S702031SS03Q CK-COMPONENTS-S702031SS03Q Datasheet
339Kb / 5P
   S Series Slide Switches
More results

Similar Description - S7020AGM2NR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S7025 ETC2-S7025 Datasheet
1,023Kb / 2P
   Dual-socket server/ workstation platform
S5512 ETC2-S5512 Datasheet
797Kb / 2P
   SINGLE-SOCKET ATX SERVER / WORKSTATION PLATFORM
S7042 ETC2-S7042 Datasheet
858Kb / 2P
   Dual-socket server platform
S7017 ETC2-S7017 Datasheet
1Mb / 2P
   Dual-socket HPC server platform
S7018 ETC2-S7018 Datasheet
1Mb / 2P
   Dual-socket HPC server platform
S7077 ETC2-S7077 Datasheet
1Mb / 2P
   Cost-effective dual-socket Server/workstation implementation
S7050 ETC2-S7050 Datasheet
816Kb / 2P
   High-end dual-socket server platform
S7053 ETC2-S7053 Datasheet
842Kb / 2P
   High-end dual-socket server platform
S7055 ETC2-S7055 Datasheet
787Kb / 2P
   High-end dual-socket server platform
S7040 ETC2-S7040 Datasheet
786Kb / 2P
   Entry level dual-socket server platform
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com