Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX-SF10-MINI21-868 Datasheet(PDF) 7 Page - ON Semiconductor

Part # AX-SF10-MINI21-868
Description  Ultra-Low Power, AT Command Controlled, Sigfox Compliant Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SF10-MINI21-868 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button AX-SF10-MINI21-868 Datasheet HTML 3Page - ON Semiconductor AX-SF10-MINI21-868 Datasheet HTML 4Page - ON Semiconductor AX-SF10-MINI21-868 Datasheet HTML 5Page - ON Semiconductor AX-SF10-MINI21-868 Datasheet HTML 6Page - ON Semiconductor AX-SF10-MINI21-868 Datasheet HTML 7Page - ON Semiconductor AX-SF10-MINI21-868 Datasheet HTML 8Page - ON Semiconductor AX-SF10-MINI21-868 Datasheet HTML 9Page - ON Semiconductor AX-SF10-MINI21-868 Datasheet HTML 10Page - ON Semiconductor AX-SF10-MINI21-868 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7 / 15
www.onsemi.com
AX-SIGFOX-MODS/D
BATTERY LIFE CALCULATION EXAMPLE
Scenario for example calculation:
2 AAA Alkaline batteries in series
One OOB frame transmission per day at 14 dBm output power
Four maximum length frames with downlink receive per day at 14 dBm output power
Device in sleep mode when no other activity
Neglecting battery self discharge
2 AAA alkaline capacity
1500 mAh * 3600 s/h
5400 C
Sleep charge per day
1.6
μA * 86400 s
0.14 C/day
OOB frame transmission
0.28 C/day
Frame transmission with downlink
4 * 0.46 C/day
1.84 C/day
Total charge consumption
2.26 C/day
Battery life
6.5 years
LOGIC
SYM
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
Digital inputs
VT+
Schmitt trigger low to high threshold point
VDD = 3.3 V
1.55
V
VT-
Schmitt trigger high to low threshold point
1.25
V
VIL
Input voltage, low
0.8
V
VIH
Input voltage, high
2.0
V
VIPA
Input voltage range, GPIO[3:0]
-0.5
VDD
V
VIPBC
Input voltage range, GPIO[9:4], UART_RX, RESET_N
-0.5
5.5
V
IL
Input leakage current
-10
10
μA
RPU
Programmable pull-up resistance
65
k
Digital outputs
IOH
Output current, high
Ports GPIO[9:0], UART_TX, TX_LED, RX_LED,
CPU_LED, RADIO_LED
VOH = 2.4 V
8
mA
IOL
Output current, low
GPIO[9:0], UARTTX, TXLED, RXLED, TXLED, CPULED
VOL = 0.4 V
8
mA
IOZ
Tri-state output leakage current
-10
10
μA
TRANSMITTER
SYM
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
SBR
Signal bit rate
100
bps
fcarrier
Carrier frequency
868.13
MHz
PTXmin
Lowest Transmitter output power
AT$CW=868130000,1,0
0
dBm
PTXmax
Highest Transmitter output power
AT$CW=868130000,1,14
14
dBm
PTXstep
Programming step size output power
1
dB
dTXtemp
Transmitter power variation vs. temperature
-40 °C to +85 °C
+/- 0.5
dB
dTXVdd
Transmitter power variation vs. VDD
1.8 to 3.3 V
+/- 0.5
dB
PTXharm2
Emission @ 2
nd harmonic
-51
dBc
PTXharm3
Emission @ 3
rd harmonic
-63
dBc
PTXharm4
Emission @ 4
th harmonic
-84
dBc


Similar Part No. - AX-SF10-MINI21-868

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX-SF10-MINI21-868 ONSEMI-AX-SF10-MINI21-868 Datasheet
235Kb / 13P
   Compliant Modules
April, 2016 ??Rev. 3
More results

Similar Description - AX-SF10-MINI21-868

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX-SFAZ ONSEMI-AX-SFAZ Datasheet
293Kb / 20P
   Ultra-Low Power AT Command / API Controlled Sigfox Compliant Transceiver IC
April, 2017 ??Rev. 1
AX-SFEU ONSEMI-AX-SFEU_17 Datasheet
205Kb / 20P
   Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC
September, 2017 ??Rev. 6
AX-SIP-SFEU ONSEMI-AX-SIP-SFEU Datasheet
391Kb / 19P
   Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox Verified Transceiver SiP
September, 2017 ??Rev. 0
AX-SIGFOX-API ONSEMI-AX-SIGFOX-API Datasheet
264Kb / 19P
   Ultra-Low Power, AT Command Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
March, 2016 ??Rev. 3
AX-SFJK ONSEMI-AX-SFJK Datasheet
307Kb / 19P
   Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
April, 2019 ??Rev. 4
AX-SFEU ONSEMI-AX-SFEU_V01 Datasheet
366Kb / 22P
   Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
April, 2018 ??Rev. 8
logo
List of Unclassifed Man...
SI2434-C-FS ETC2-SI2434-C-FS Datasheet
859Kb / 2P
   AT command set
logo
SIMCom
SIM800 SIMCOM-SIM800 Datasheet
3Mb / 380P
   SIM800 Series AT Command Manual
2015-08-03
logo
Alliance Semiconductor ...
AS4C32M32MD1 ALSC-AS4C32M32MD1 Datasheet
1Mb / 43P
   Automatic and Controlled Precharge Command
logo
List of Unclassifed Man...
GTWV050C3A00PA ETC-GTWV050C3A00PA Datasheet
169Kb / 1P
   Command Controlled Touch TFT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com