Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR261W30A101E1G Datasheet(PDF) 10 Page - ON Semiconductor

Part # BR261W30A101E1G
Description  Advanced Noise Reduction Solution for Voice Capture Devices
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BR261W30A101E1G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button BR261W30A101E1G Datasheet HTML 6Page - ON Semiconductor BR261W30A101E1G Datasheet HTML 7Page - ON Semiconductor BR261W30A101E1G Datasheet HTML 8Page - ON Semiconductor BR261W30A101E1G Datasheet HTML 9Page - ON Semiconductor BR261W30A101E1G Datasheet HTML 10Page - ON Semiconductor BR261W30A101E1G Datasheet HTML 11Page - ON Semiconductor BR261W30A101E1G Datasheet HTML 12Page - ON Semiconductor BR261W30A101E1G Datasheet HTML 13Page - ON Semiconductor BR261W30A101E1G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
BelaSigna R261
http://onsemi.com
10
Figure 4. Proposed Ground Plane Positioning (soldering footprint view)
12
34
567
89
Analog Ground Plane
G
E
F
C
D
B
Digital Ground Plane
A
G1
G3
G5
G7
G9
F2
F4
F6
F8
D4
D6
E1
E3
E5
E7
E9
A1
A3
A5
A7
A9
B2
B4
B6
B8
C1
C3
C5
C7
C9
F6 = VBAT
D6 = A_OUT0
E7 = A_OUT1
G7 = CAP0
F8 = CAP1
G9 = VBATRCVR
E9 = VSSRCVR
B6 = VDDD
C7 = DMIC_OUT
A7 = SPI_CLK
A7 = CONFIG_SEL
B8 = SPI_SERO
B8 = ALGO_CTRL
A9 = SPI_CS
A9 = ATT_SEL
C9 = SPI_SERI
C9 = SLEEP_CTRL
F2 = RESERVED
G3 = VREG
E3 = VMIC
G1 = MIC0
E1 = MIC2
F4 = VSSA
D4 = NRESET
G5 = VDDA
E5 = AI1
C1 = I2C_SCL
C3 = I2S_SDA
C5 = BOOT_SEL
B4 = VDDO
A5 = VSSD
A3 = EXT_CLK
A1 = DEBUG_RX
B2 = DEBUG_TX
The VSSD plane is used as the ground return for digital
circuits and should be placed under digital circuits. The
VSSA plane should be kept as noise−free as possible. It is
used as the ground return for analog circuits and it should
surround analog components and pins. It should not be
connected to or placed under any noisy circuits such as RF
chips, switching supplies or digital pads of BelaSigna R261
itself. Analog ground returns associated with the audio
output stage should connect back to the star point on separate
individual traces.
For details on which signals require special design
consideration, see Table 4 and Table 5.
In some designs, space constraints may make separate
ground planes impractical. In this case a star configuration
strategy should be used. Each analog ground return should
connect to the star point with separate traces.
Internal Power Supplies
Power management circuitry in BelaSigna R261
generates separate digital (VDDD) and analog (VREG,
VDDA) regulated supplies. Each supply requires an
external decoupling capacitor, even if the supply is not used
externally. Decoupling capacitors should be placed as close
as possible to the power pads.
The digital I/O levels are defined by a separate power
supply pin on BelaSigna R261 (VDDO). This pin must be
externally connected by the application PCB, usually to
VBAT. Note that the voltage on VDDO will influence the
behavior of the LSADs. The system is designed with the
assumption that a 3.3 V power supply voltage is provided on
VBAT, and that VDDO connects to VBAT on the application
PCB.
Further details on these critical signals are provided in
Table 4. Non−critical signals are outlined in Table 5. More
information on the power supply architecture can be found
in the Power Supply Unit section.


Similar Part No. - BR261W30A101E1G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BR26 PANJIT-BR26 Datasheet
89Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
BR26 TAYCHIPST-BR26 Datasheet
1Mb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
BR26 LUGUANG-BR26 Datasheet
577Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
BR26-AU PANJIT-BR26-AU Datasheet
318Kb / 6P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
BR26-AU_R1_000A1 PANJIT-BR26-AU_R1_000A1 Datasheet
318Kb / 6P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - BR261W30A101E1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
R261 ONSEMI-R261 Datasheet
236Kb / 28P
   Advanced Noise Reduction Solution for Voice Capture Devices
November, 2010 ??Rev. P2
R262 ONSEMI-R262 Datasheet
241Kb / 28P
   Wideband Voice Capture and Noise Reduction Solution
September, 2012 ??Rev. 0
BR262 ONSEMI-BR262_12 Datasheet
230Kb / 24P
   Wideband Voice Capture
November, 2012 ??Rev. 2
logo
Sony Corporation
CX20099 SONY-CX20099 Datasheet
377Kb / 16P
   NOISE REDUCTION
logo
Zoran Corporation
NRED-1 ZORAN-NRED-1 Datasheet
229Kb / 2P
   Noise Reduction Processor
logo
ON Semiconductor
BR281Q32A101V1G ONSEMI-BR281Q32A101V1G Datasheet
294Kb / 11P
   Always-Listening, Voice Trigger Solution
August, 2015 ??Rev. 0
R281 ONSEMI-R281_16 Datasheet
368Kb / 13P
   Always-Listening, Voice Trigger Solution
September, 2016 ??Rev. 1
R281 ONSEMI-R281 Datasheet
265Kb / 11P
   Always-Listening, Voice Trigger Solution
March, 2018 ??Rev. 4
logo
SHANGHAI BELLING CO., L...
BL6332 BELLING-BL6332 Datasheet
153Kb / 6P
   Pop noise reduction function
logo
Fairchild Semiconductor
AN4148 FAIRCHILD-AN4148 Datasheet
220Kb / 5P
   Audible Noise Reduction Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com