Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR281Q32A101V1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # BR281Q32A101V1G
Description  Always-Listening, Voice Trigger Solution
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BR281Q32A101V1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button BR281Q32A101V1G Datasheet HTML 3Page - ON Semiconductor BR281Q32A101V1G Datasheet HTML 4Page - ON Semiconductor BR281Q32A101V1G Datasheet HTML 5Page - ON Semiconductor BR281Q32A101V1G Datasheet HTML 6Page - ON Semiconductor BR281Q32A101V1G Datasheet HTML 7Page - ON Semiconductor BR281Q32A101V1G Datasheet HTML 8Page - ON Semiconductor BR281Q32A101V1G Datasheet HTML 9Page - ON Semiconductor BR281Q32A101V1G Datasheet HTML 10Page - ON Semiconductor BR281Q32A101V1G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
BelaSigna R281
www.onsemi.com
7
System Performance
Recognition Rate
Performance has been measured in various noise
conditions and is shown in Figure 5. Tests were performed
in a sound isolation booth with a series of pre−recorded
trigger and non−trigger phrases playing continuously, mixed
with varying levels of noise. Recognition rate is 100% in a
quiet environment (no noise playing). The system was
trained in a quiet environment. In all cases, the false trigger
rate (the number of times the system triggered on a
non−trigger phrase) was 0%.
Figure 5. Recognition Rate Versus SNR
Current Consumption
Average current consumption was also measured with the device operating in a pure noise environment with no speech
present. The results are presented in Table 9.
Table 9. AVERAGE CURRENT CONSUMPTION
Condition
Average Current Consumption (uA), VBAT = 1.8 V
Quiet Environment
160
Babble Noise
170
*Not including microphone current consumption
Single User Operation
Because BelaSigna R281 performs recognition based on
a training procedure performed by a specific individual,
recognition
of
the
trigger
phrase
is
effectively
“single−user”. Only the person who trained the system (or
an individual with an extremely similar voice print) will be
able to reliably trigger the device.
Digital Interfaces
Wake Up Pin
The Wake Up pin is a digital output (referenced to VDDO)
which is used to indicate that the trigger phrase was detected.
It is intended to be connected to a digital input of an external
host, and its behavior (active high versus active low and
duration) is configurable via I2C.
For more information refer to AND9267/D.
Boot Select Pin
This pin is reserved for future purpose and must be
connected to VDDA.
Inter
*IC Communication (I2C) Interface
The I2C interface is an industry−standard interface that
can be used for high−speed transmission of data between
BelaSigna R281 and an external device. The interface
operates at speeds up to 100 Kbit/sec, and always operates
in slave mode at an address of 0x62.


Similar Part No. - BR281Q32A101V1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BR281Q32A101V1G ONSEMI-BR281Q32A101V1G Datasheet
368Kb / 13P
   Always-Listening, Voice Trigger Solution
September, 2016 ??Rev. 1
More results

Similar Description - BR281Q32A101V1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
R281 ONSEMI-R281 Datasheet
265Kb / 11P
   Always-Listening, Voice Trigger Solution
March, 2018 ??Rev. 4
R281 ONSEMI-R281_16 Datasheet
368Kb / 13P
   Always-Listening, Voice Trigger Solution
September, 2016 ??Rev. 1
logo
Knowles Electronics
IA611 KNOWLES-IA611_V01 Datasheet
3Mb / 37P
   IA611 SmartMic Always On Voice Wake Audio Processor
Rev 1.2
logo
ON Semiconductor
R262 ONSEMI-R262 Datasheet
241Kb / 28P
   Wideband Voice Capture and Noise Reduction Solution
September, 2012 ??Rev. 0
R261 ONSEMI-R261 Datasheet
236Kb / 28P
   Advanced Noise Reduction Solution for Voice Capture Devices
November, 2010 ??Rev. P2
BR261W30A101E1G ONSEMI-BR261W30A101E1G Datasheet
265Kb / 31P
   Advanced Noise Reduction Solution for Voice Capture Devices
November, 2012 ??Rev. 2
logo
Intel Corporation
PEF32002VTV1.1 INTEL-PEF32002VTV1.1 Datasheet
475Kb / 2P
   DUSLIC™-XS Lantiq‘s Next Generation Voice CPE Solution
logo
NXP Semiconductors
TEA1096 PHILIPS-TEA1096 Datasheet
390Kb / 32P
   Speech and listening-in IC
November 1994
logo
Knowles Electronics
IA611 KNOWLES-IA611 Datasheet
280Kb / 2P
   IA610 SMARTMIC ALWAYS-ON VOICEW
logo
Littelfuse
P1553UALXX LITTELFUSE-P1553UALXX Datasheet
157Kb / 5P
   The series provides a single port surface mount solution that enables voice
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com