Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1709S-AN Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SA1709S-AN
Description  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1709S-AN Datasheet(HTML) 1 Page - ON Semiconductor

  2SA1709S-AN Datasheet HTML 1Page - ON Semiconductor 2SA1709S-AN Datasheet HTML 2Page - ON Semiconductor 2SA1709S-AN Datasheet HTML 3Page - ON Semiconductor 2SA1709S-AN Datasheet HTML 4Page - ON Semiconductor 2SA1709S-AN Datasheet HTML 5Page - ON Semiconductor 2SA1709S-AN Datasheet HTML 6Page - ON Semiconductor 2SA1709S-AN Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
82912 TKIM TC-00002803/40804TN(PC)/5169MO, TS No.3096-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
2SA1709/2SC4489
Bipolar Transistor
(-)100V, (-)2A, Low VCE(sat), (PNP)NPN Single NMP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
Adoption of FBET, MBIT processes
High breakdown voltage, large current capacity
Fast switching speed
( )2SA1709
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)120
V
Collector-to-Emitter Voltage
VCEO
(--)100
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)2
A
Collector Current (Pulse)
ICP
(--)3
A
Collector Dissipation
PC
1W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7540-001
Ordering number : EN3096A
Product & Package Information
• Package : NMP(Taping)
• JEITA, JEDEC : SC-71
• Minimum Packing Quantity : 2,500 pcs./box
Marking(NMP(Taping))
Electrical Connection
2
1
3
2SC4489
2
1
3
2SA1709
A1709
LOT No.
RANK
C4489
LOT No.
RANK
1 : Emitter
2 : Collector
3 : Base
NMP(Taping)
6.9
3
2
1
2.5
1.05
1.45
2.54
2.54
0.6
0.45
0.5
0.9
2SA1709S-AN
2SA1709T-AN
2SC4489S-AN
2SC4489T-AN


Similar Part No. - 2SA1709S-AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA1709S-AN ONSEMI-2SA1709S-AN Datasheet
623Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
September, 2013
More results

Similar Description - 2SA1709S-AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com