Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH3205-TL-E Datasheet(PDF) 4 Page - ON Semiconductor

Part # CPH3205-TL-E
Description  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH3205-TL-E Datasheet(HTML) 4 Page - ON Semiconductor

  CPH3205-TL-E Datasheet HTML 1Page - ON Semiconductor CPH3205-TL-E Datasheet HTML 2Page - ON Semiconductor CPH3205-TL-E Datasheet HTML 3Page - ON Semiconductor CPH3205-TL-E Datasheet HTML 4Page - ON Semiconductor CPH3205-TL-E Datasheet HTML 5Page - ON Semiconductor CPH3205-TL-E Datasheet HTML 6Page - ON Semiconductor CPH3205-TL-E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CPH3105 / CPH3205
No.6084-4/7
23
5
7
--0.01
--1.0
--10
--0.1
23
5 7
3
5 7
2
--1000
--10000
7
5
3
2
7
5
3
2
--100
7
5
3
2
--10
23
5
7
0.01
1.0
0.1
23
5
7
2
5
3
1000
7
5
3
2
100
7
5
3
2
10
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
5
3
2
100
23
5
7
0.01
1.0
0.1
23
5
7
2
5
3
1000
7
5
3
2
CPH3205
IC / IB=50
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
5
3
2
--100
23
5 7
--0.01
--1.0
--10
--0.1
23
5 7
2
3
5 7
23
5
7
0.1
10
1.0
23
3
55
72
7
--1000
7
5
3
2
IT08063
IT08065
IT08064
IT08066
Ambient Temperature, Ta --
°C
PC -- Ta
1.0
0
0.2
0.4
0.6
0.8
0.9
0
20
40
60
80
100
120
140
160
Collector-to-Emitter Voltage, VCE -- V
A S O
2
10
2
3
5
7
1.0
2
3
5
7
0.1
3
5
7
0.01
Ta=25
°C
Single pulse
Mounted on a ceramic board(600mm2
×0.8mm)
For PNP, minus sign is omitted.
IT08067
IT08068
23
5
7
0.01
1.0
0.1
23
5
7
2
5
3
1000
7
5
3
2
100
7
5
3
2
10
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
23
5 7
--0.01
--1.0
--10
--0.1
23
5 7
5 7
23
--10000
7
5
3
2
7
5
3
2
--100
--1000
--10
7
5
3
2
IT08061
IT08062
CPH3105
IC / IB=20
Ta=75
°C
--25
°C
25°
C
CPH3205
IC / IB=20
Ta=75
°C
--25
°C
CPH3105
IC / IB=50
Ta=75
°C
--25
°C
25°
C
Ta=75
°C
--25
°C
25°
C
CPH3105
IC / IB=50
Ta= --25°C
75°C 25°C
CPH3205
IC / IB=50
CPH3105 / CPH3205
1ms
10ms
100ms
ICP=6A
IC=3A
DC
operation
Mounted
on
a
ceramic
board
(600mm
2×
0.8mm)
CPH3105 / CPH3205
Ta= --25°C
75°C 25°C
25
°C


Similar Part No. - CPH3205-TL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3205-TL-E SANYO-CPH3205-TL-E Datasheet
44Kb / 5P
   High-Current Switching Applications
More results

Similar Description - CPH3205-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com