Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5706-H Datasheet(PDF) 5 Page - ON Semiconductor

Part # 2SC5706-H
Description  Bipolar Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5706-H Datasheet(HTML) 5 Page - ON Semiconductor

  2SC5706-H Datasheet HTML 1Page - ON Semiconductor 2SC5706-H Datasheet HTML 2Page - ON Semiconductor 2SC5706-H Datasheet HTML 3Page - ON Semiconductor 2SC5706-H Datasheet HTML 4Page - ON Semiconductor 2SC5706-H Datasheet HTML 5Page - ON Semiconductor 2SC5706-H Datasheet HTML 6Page - ON Semiconductor 2SC5706-H Datasheet HTML 7Page - ON Semiconductor 2SC5706-H Datasheet HTML 8Page - ON Semiconductor 2SC5706-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SA2039 / 2SC5706
No.6912-5/10
20
060
40
80
100
140
120
160
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
A S O
Collector-to-Emitter Voltage, VCE -- V
0.01
0.1
1.0
7
5
3
2
7
5
3
2
10
7
5
3
2
2
1.0
0.1
10
100
25
37
25
37
25
37
ICP=7.5A
100ms
10ms 1ms
IC=5A
IT02980
2SA2039 / 2SC5706
Tc=25
°C
Single pulse
For PNP, the minus sign(--)is omitted
Ambient Temperature, Ta --
°C
0
2
4
6
8
10
12
14
15
16
18
20
060
40
80
100
140
120
160
PC -- Ta
IT02981
2SA2039 / 2SC5706
Case Temperature, Tc --
°C
PC -- Tc
IT02982
DC
operation
(T
c=25
°C)
DC
operation
(T
a=25
°C)
500
μs
No
heat
sink
2SA2039 / 2SC5706


Similar Part No. - 2SC5706-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5706-H ONSEMI-2SC5706-H Datasheet
424Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results

Similar Description - 2SC5706-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com