Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN7386A Datasheet(PDF) 1 Page - ON Semiconductor

Part # EN7386A
Description  Bipolar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN7386A Datasheet(HTML) 1 Page - ON Semiconductor

  EN7386A Datasheet HTML 1Page - ON Semiconductor EN7386A Datasheet HTML 2Page - ON Semiconductor EN7386A Datasheet HTML 3Page - ON Semiconductor EN7386A Datasheet HTML 4Page - ON Semiconductor EN7386A Datasheet HTML 5Page - ON Semiconductor EN7386A Datasheet HTML 6Page - ON Semiconductor EN7386A Datasheet HTML 7Page - ON Semiconductor EN7386A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
70412 TKIM/62503 TSIM TA-3814, 3816 No.7386-1/8
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
CPH6123/CPH6223
Bipolar Transistor
(–)50V, (–)3A, Low VCE(sat), (PNP)NPN Single CPH6
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
1, 2, 5, 6
4
3
1, 2, 5, 6
4
3
CPH6223
CPH6123
Applications
DC-DC converters, relay drivers, lamp drivers, motor drivers, strobe
Features
Adoption of MBIT process
Large current capacity
Low collector-to-emitter saturation voltage
High-speed switching
Ultrasmall package facilitates miniaturization in end products (mounting height : 0.9mm)
High allowable power dissipation
Specifications ( ): CPH6123
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--50)100
V
Collector-to-Emitter Voltage
VCES
(--50)100
V
Collector-to-Emitter Voltage
VCEO
(--)50
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)3
A
Collector Current (Pulse)
ICP
(--)6
A
Base Current
IB
(--)600
mA
Collector Dissipation
PC
When mounted on ceramic substrate (600mm2×0.8mm)
1.3
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7018A-002
Ordering number : EN7386A
Product & Package Information
• Package
: CPH6
• JEITA, JEDEC
: SC-74, SOT-26, SOT-457
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
TL
1 : Collector
2 : Collector
3 : Base
4 : Emitter
5 : Collector
6 : Collector
CPH6
3
2
1
64
5
2.9
0.05
0.4
0.15
0.95
CPH6123-TL-E
CPH6223-TL-E
CPH6223
CPH6123


Similar Part No. - EN7386A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EN7310B SANYO-EN7310B Datasheet
337Kb / 6P
   Pin Diode for VHF, UHF, AGC Applications
logo
ON Semiconductor
EN7353B ONSEMI-EN7353B Datasheet
581Kb / 6P
   Bipolar Transistor 15V, 1A, Low VCE(sat) NPN Single CPH3
August, 2013
logo
Sanyo Semicon Device
EN7354B SANYO-EN7354B Datasheet
471Kb / 6P
   Low-Frequency General-Purpose Amplifier Applications
logo
ON Semiconductor
EN7354B ONSEMI-EN7354B Datasheet
368Kb / 6P
   nullBipolar Transistor 15V, 1A, Low VCE(sat) NPN Single MCPH3
August, 2013
EN7359A ONSEMI-EN7359A Datasheet
369Kb / 6P
   Bipolar Transistor -30V, -0.7A, Low VCE(sat) PNP Single MCPH3
August, 2013
More results

Similar Description - EN7386A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com