Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN8297A Datasheet(PDF) 3 Page - ON Semiconductor

Part # EN8297A
Description  8-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN8297A Datasheet(HTML) 3 Page - ON Semiconductor

  EN8297A Datasheet HTML 1Page - ON Semiconductor EN8297A Datasheet HTML 2Page - ON Semiconductor EN8297A Datasheet HTML 3Page - ON Semiconductor EN8297A Datasheet HTML 4Page - ON Semiconductor EN8297A Datasheet HTML 5Page - ON Semiconductor EN8297A Datasheet HTML 6Page - ON Semiconductor EN8297A Datasheet HTML 7Page - ON Semiconductor EN8297A Datasheet HTML 8Page - ON Semiconductor EN8297A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LC87F5JC8A
No.8297-3/25
UART
• Full duplex
• 7/8/9 bit data bits selectable
• 1 stop bit(2-bit in continuous data transmission)
• Built-in baudrate generator
AD Converter: 8-bit × 11-channels
PWM: Multifrequency 12-bit PWM × 2-channels
Remote Control Receiver Circuit (sharing pins with P73, INT3, and T0IN)
• Noise rejection function (noise filter time constant selectable from 1 tCYC, 32 tCYC, and 128 tCYC)
Watchdog Timer
• External RC watchdog timer
• Interrupt and reset signals selectable
Clock Output Function
1) Able to output selected oscillation clock 1/1, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64 as system clock.
2) Able to output oscillation clock of sub clock.
Interrupts
• 26 sources, 10 vector addresses
1) Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt requests
of the level equal to or lower than the current interrupt are not accepted.
2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest
level takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest
vector address takes precedence.
No.
Vector Address
Level
Interrupt Source
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2/T0L/INT4
4
0001BH
H or L
INT3/INT5/base timer
5
00023H
H or L
T0H/INT6
6
0002BH
H or L
T1L/T1H/INT7
7
00033H
H or L
SIO0/UART1 receive/T8L/T8H
8
0003BH
H or L
SIO1/UART1 transmit
9
00043H
H or L
ADC/T6/T7
10
0004BH
H or L
Port 0/T4/T5/PWM2, PWM3
• Priority levels X > H > L
• Of interrupts of the same level, the one with the smallest vector address takes precedence.
• IFLG (list of interrupt source flag function)
3) Shows a list of interrupt source flags that caused a branching to a particular vector address (shown in the
diagram above).
Subroutine Stack Levels: 2048 levels (the stack is allocated in RAM)
High-speed Multiplication/Division Instructions
• 16-bits × 8-bits
(5 tCYC execution time)
• 24-bits × 16-bits
(12 tCYC execution time)
• 16-bits ÷ 8-bits
(8 tCYC execution time)
• 24-bits ÷ 16-bits
(12 tCYC execution time)


Similar Part No. - EN8297A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EN8297A ONSEMI-EN8297A Datasheet
173Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.05
More results

Similar Description - EN8297A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com