Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA0143 Datasheet(PDF) 9 Page - ON Semiconductor

Part # ENA0143
Description  8-bit 1-chip Microcontroller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA0143 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button ENA0143 Datasheet HTML 5Page - ON Semiconductor ENA0143 Datasheet HTML 6Page - ON Semiconductor ENA0143 Datasheet HTML 7Page - ON Semiconductor ENA0143 Datasheet HTML 8Page - ON Semiconductor ENA0143 Datasheet HTML 9Page - ON Semiconductor ENA0143 Datasheet HTML 10Page - ON Semiconductor ENA0143 Datasheet HTML 11Page - ON Semiconductor ENA0143 Datasheet HTML 12Page - ON Semiconductor ENA0143 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LC87F5DC8A
No.A0143-9/28
System Block Diagram
Interrupt Control
Standby Control
IR
PLA
Flash ROM
CF
RC
X’tal
PC
Bus Interface
Port 0
Port 1
SIO0
SIO1
SIO2
Timer 0
Timer 1
Timer 4
Timer 5
Port 3
Port 7
Port 8
ADC
INT0-3
Noise Rejection Filter
ACC
B Register
C Register
PSW
RAR
RAM
Stack Pointer
Watch Dog Timer
ALU
PWM0
PWM1
Base Timer
Port 2 INT4, 5, 6, 7
UART2
PWM4
Timer 6
Timer 7
MRC
Port A
Port B
Port C
UART1
PWM5
On-chip Debugger


Similar Part No. - ENA0143

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA0145 ONSEMI-ENA0145 Datasheet
408Kb / 34P
   CMOS LSI 8-bit Withstand Voltage Microcontroller 128K-byte Flash ROM / 4096-byte RAM / 100pin
April, 2014 Ver. 1.70a
More results

Similar Description - ENA0143

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com