Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA0892B Datasheet(PDF) 10 Page - ON Semiconductor

Part # ENA0892B
Description  8-bit 1-chip Microcontroller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA0892B Datasheet(HTML) 10 Page - ON Semiconductor

Back Button ENA0892B Datasheet HTML 6Page - ON Semiconductor ENA0892B Datasheet HTML 7Page - ON Semiconductor ENA0892B Datasheet HTML 8Page - ON Semiconductor ENA0892B Datasheet HTML 9Page - ON Semiconductor ENA0892B Datasheet HTML 10Page - ON Semiconductor ENA0892B Datasheet HTML 11Page - ON Semiconductor ENA0892B Datasheet HTML 12Page - ON Semiconductor ENA0892B Datasheet HTML 13Page - ON Semiconductor ENA0892B Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LC87F5M64A
No.A0892-10/22
Absolute Maximum Ratings at Ta = 25°C, VSS1 = VSS2 = VSS3 = 0V
Parameter
Symbol
Pins/Remarks
Conditions
Specification
VDD[V]
min
typ
max
unit
Maximum supply
voltage
VDD max
VDD1, VDD2, VDD3VDD1=VDD2=VDD3
-0.3
+6.5
V
Input voltage
VI(1)
XT1, CF1
-0.3
VDD+0.3
Input/Output voltage
VIO(1)
Ports 0, 1, 2
Ports 7, 8
Ports 3, C
PWM2, PWM3, XT2
-0.3
VDD+0.3
Peak output
current
IOPH(1)
Ports 0, 1, 2
Ports 3, C
CMOS output select
Per 1 application pin
-10
mA
IOPH(2)
PWM2, PWM3
Per 1 application pin.
-20
IOPH(3)
P71 to P73
Per 1 application pin.
-5
Mean output
current
(Note1-1)
IOMH(1)
Ports 0, 1, 2
Ports 3, C
CMOS output select
Per 1 application pin
-7.5
IOMH(2)
PWM2, PWM3
Per 1 application pin
-10
IOMH(3)
P71 to P73
Per 1 application pin
-3
Total output
current
ΣIOAH(1)
P71 to P73
Total of all applicable pins
-10
ΣIOAH(2)
Ports, 1
PWM2, PWM3
Total of all applicable pins
-25
ΣIOAH(3)
Ports 0, 2
Total of all applicable pins
-25
ΣIOAH(4)
Ports 0, 1, 2
PWM2, PWM3
Total of all applicable pins
-45
ΣIOAH(5)
Port 3
Total of all applicable pins
-25
ΣIOAH(6)
Ports C
Total of all applicable pins
-25
ΣIOAH(7)
Ports 3, C
Total of all applicable pins
-45
Peak output
current
IOPL(1)
P02 to P07
Ports 1, 2
Ports 3, C
PWM2, PWM3
Per 1 application pin
20
IOPL(2)
P00, P01
Per 1 application pin
30
IOPL(3)
Ports 7, 8, XT2
Per 1 application pin
10
Mean output
current
(Note1-1)
IOML(1)
P02 to P07
Ports 1, 2
Ports 3, C
PWM2, PWM3
Per 1 application pin
15
IOML(2)
P00, P01
Per 1 application pin
20
IOML(3)
Ports 7, 8, XT2
Per 1 application pin
7.5
Total output
current
ΣIOAL(1)
Port 7
P83 to P86, XT2
Total of all applicable pins
15
ΣIOAL(2)
P80 to P82
Total of all applicable pins
15
ΣIOAL(3)
Ports 7, 8, XT2
Total of all applicable pins
20
ΣIOAL(4)
Ports 1
PWM2, PWM3
Total of all applicable pins
45
ΣIOAL(5)
Ports 0, 2
Total of all applicable pins
45
ΣIOAL(6)
Ports 0, 1, 2
PWM2, PWM3
Total of all applicable pins
80
ΣIOAL(7)
Port 3
Total of all applicable pins
45
ΣIOAL(8)
Ports C
Total of all applicable pins
45
ΣIOAL(9)
Ports 3, C
Total of all applicable pins
80
Maximum power
dissipation
Pd max
QIP64E(14
×14)
Ta=-40 to +85
°C
300
mW
Operating ambient
temperature
Topr
-40
+85
°C
Storage ambient
temperature
Tstg
-55
+125
Note 1-1: The mean output current is a mean value measured over 100ms.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - ENA0892B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0892 SANYO-ENA0892 Datasheet
171Kb / 22P
   CMOS IC FROM FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
More results

Similar Description - ENA0892B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com