Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA0928 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ENA0928
Description  8-bit 1-chip Microcontroller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA0928 Datasheet(HTML) 5 Page - ON Semiconductor

  ENA0928 Datasheet HTML 1Page - ON Semiconductor ENA0928 Datasheet HTML 2Page - ON Semiconductor ENA0928 Datasheet HTML 3Page - ON Semiconductor ENA0928 Datasheet HTML 4Page - ON Semiconductor ENA0928 Datasheet HTML 5Page - ON Semiconductor ENA0928 Datasheet HTML 6Page - ON Semiconductor ENA0928 Datasheet HTML 7Page - ON Semiconductor ENA0928 Datasheet HTML 8Page - ON Semiconductor ENA0928 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LC87F5R96B
No.A0928-5/22
Package Dimensions
unit : mm (typ)
3159A
Pin Assignment
QIP64E(14
×14) “Lead-free Type”
SANYO : QIP64E(14X14)
14.0
17.2
0.15
0.35
0.8
(1.0)
116
17
32
33
48
49
64
LC87F5R96B
Top view
P32/UTX1
P33/URX1
P34/UTX2
P35/URX2
P36
P37
P27/INT5/T1IN
P26/INT5/T1IN
P25/INT5/T1IN
P24/INT5/T1IN/INT7
P23/INT4/T1IN
P22/INT4/T1IN
P21/INT4/T1IN
P20/INT4/T1IN/INT6
P07/T7O
P06/T6O
P70/INT0/T0LCP/AN8
P71/INT1/T0HCP/AN9
P72/INT2/T0IN/NKIN
P73/INT3/T0IN
RES
XT1/AN10
XT2/AN11
VSS1
CF1
CF2
VDD1
P80/AN0
P81/AN1
P82/AN2
P10/SO0
P11/SI0/SB0
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16


Similar Part No. - ENA0928

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA0928 SANYO-ENA0928 Datasheet
163Kb / 22P
   CMOS ICFROM 98K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results

Similar Description - ENA0928

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com