Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC18 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LC18
Description  TRANSIENT ABSORPTION ZENER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LC18 Datasheet(HTML) 2 Page - Microsemi Corporation

  LC18 Datasheet HTML 1Page - Microsemi Corporation LC18 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - LC18

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC18 MICROSEMI-LC18 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC18 MICROSEMI-LC18 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC18 NJSEMI-LC18 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
LC1800 ETC2-LC1800 Datasheet
543Kb / 3P
    Line Conditioner - Automatic voltage regulation with surge protection
logo
Tripp Lite. All Rights ...
LC1800 TRIPPLITE-LC1800 Datasheet
499Kb / 3P
   1800W 120V Power Conditioner
More results

Similar Description - LC18

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LDTS14 MICROSEMI-LDTS14 Datasheet
68Kb / 2P
   TRANSIENT ABSORPTION ZENER
15KP17 MICROSEMI-15KP17 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LCE65 MICROSEMI-LCE65 Datasheet
85Kb / 2P
   TRANSIENT ABSORPTION ZENER
1N5907 MICROSEMI-1N5907 Datasheet
78Kb / 2P
   TRANSIENT ABSORPTION ZENER
ICT-5 MICROSEMI-ICT-5 Datasheet
71Kb / 2P
   TRANSIENT ABSORPTION ZENER
ICTE-5 MICROSEMI-ICTE-5 Datasheet
71Kb / 2P
   TRANSIENT ABSORPTION ZENER
1N6356 MICROSEMI-1N6356 Datasheet
89Kb / 2P
   TRANSIENT ABSORPTION ZENER
P4KE68 MICROSEMI-P4KE68 Datasheet
106Kb / 2P
   TRANSIENT ABSORPTION ZENER
PHP84 MICROSEMI-PHP84 Datasheet
80Kb / 2P
   TRANSIENT ABSORPTION ZENER
5KP50 MICROSEMI-5KP50 Datasheet
84Kb / 2P
   TRANSIENT ABSORPTION ZENER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com