Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1431IM Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX1431IM
Description  PROGRAMMABLE REFERENCE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1431IM Datasheet(HTML) 7 Page - Microsemi Corporation

  LX1431IM Datasheet HTML 1Page - Microsemi Corporation LX1431IM Datasheet HTML 2Page - Microsemi Corporation LX1431IM Datasheet HTML 3Page - Microsemi Corporation LX1431IM Datasheet HTML 4Page - Microsemi Corporation LX1431IM Datasheet HTML 5Page - Microsemi Corporation LX1431IM Datasheet HTML 6Page - Microsemi Corporation LX1431IM Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
P ROGRAMMABLE R EFERENCE
LX1431
PRODUCT DA T ABOOK 1996/1997
7
Copyright © 1997
Rev. 1.2
4/97
P RODUCTION D AT A S HEET
CHARACTERISTIC CUR VES
FIGURE 6. — 2.5V REFERENCE I
K vs. VKA
FIGURE 5. — REFERENCE VOLTAGE and
REFERENCE CURRENT vs. V+
100
0
V
KA - (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
200
300
400
500
600
700
800
900
1000
2.492
2.490
V+ (V)
0
5
10
20
25
40
2.494
2.495
2.496
2.498
2.50
2.493
2.491
2.497
2.499
200
190
180
170
160
150
140
130
120
110
100
90
80
I
REF
V
REF
15
30
35
2.501
2.502
FIGURE 6. — REFERENCE VOLTAGE and
REFERENCE CURRENT vs. TEMPERATURE
2.485
2.48
(T
A)
Temperature - (°C)
-50
-25
0
25
75
125
2.49
2.495
2.51
2.5
2.505
-0.6
-0.8
-1
V
REF
I
REF
50
100
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
Pentium is a registered
trademark of Intel Corporation.


Similar Part No. - LX1431IM

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
LX143 LUMINIS-LX143 Datasheet
96Kb / 2P
   Semi-recessed wall mount
More results

Similar Description - LX1431IM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1431 LINER-LT1431 Datasheet
272Kb / 12P
   Programmable Reference
LT1431 LINER-LT1431_15 Datasheet
233Kb / 14P
   Programmable Reference
LT1431 LINER-LT1431_10 Datasheet
219Kb / 14P
   Programmable Reference
logo
Texas Instruments
TL431 TI-TL431_10 Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431_101 TI-TL1431_101 Datasheet
645Kb / 28P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
Unisonic Technologies
LL431_1112 UTC-LL431_1112 Datasheet
221Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431-DIE TI-TL431-DIE Datasheet
68Kb / 4P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431 TI-TL1431_06 Datasheet
387Kb / 24P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com