Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1668CPW Datasheet(PDF) 9 Page - Microsemi Corporation

Part # LX1668CPW
Description  PROGRAMMABLE MULTIPLE OUTPUT DC:DC CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1668CPW Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button LX1668CPW Datasheet HTML 5Page - Microsemi Corporation LX1668CPW Datasheet HTML 6Page - Microsemi Corporation LX1668CPW Datasheet HTML 7Page - Microsemi Corporation LX1668CPW Datasheet HTML 8Page - Microsemi Corporation LX1668CPW Datasheet HTML 9Page - Microsemi Corporation LX1668CPW Datasheet HTML 10Page - Microsemi Corporation LX1668CPW Datasheet HTML 11Page - Microsemi Corporation LX1668CPW Datasheet HTML 12Page - Microsemi Corporation LX1668CPW Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PROGRAMMABLE MULTIPLE OUTPUT DC:DC CONTROLLER
LX1668
PRODUCT DA T ABOOK 1996/1997
9
Copyright © 1999
Rev. 1.0
4/99
P RODUCTION D AT A S HEET
BILL OF MA TERIALS
U1
Controller IC
LX1668 - LinFinity
1
C1
Capacitor, 1500µF, 6.3V, 44m
Ω ESR
MV-GX Sanyo
6
C2
Capacitor, 1500µF, 6.3V, 44m
Ω ESR
MV-GX Sanyo
3
C4, C6
Capacitor, 330µF, Electrolytic
MV-GX Sanyo
2
C5
Capacitor, 22µF, Electrolytic
MV-GX Sanyo
2
C7, C8, C9
Capacitor, 1µF, SMD
2
C3
Capacitor, 1µF, SMD, 16V
1
CSS
Capacitor, 0.1µF, SMD
1
Q1
MOSFET (low R
DS(ON))
IRL3102/3103, International Rectifier
1
Q2
MOSFET (low R
DS(ON))
IRL3303/3103, International Rectifier
1
Q3
MOSFET
IRLZ44N, International Rectifier
1
R
SENSE
Sense Resistor, 2.5m
PCB trace
1
R1
Resistor, 0
Ω (see Table 6)
SMD
1
R2
Resistor, 2.5m
Ω (see Table 6)
SMD
1
L1
Inductor, 2 - 3µH
HM00-97713 or HM00-98637, BI Technologies
1
L2
Inductor, 1µH
1
Total Number of Components
26
Optional Components for Over-Voltage Protection and Power Good Signal
Q4
SCR
2N6504
1
R3
Resistor, 10k
SMD
1
Ref
Description
Part Number / Manufacturer
Qty.
LX1668 Bill of Materials
(Refer to Product Highlight)
FIGURE 6 — Pentium III Processor Power Supply (Whitney / Camino Chipsets)
1k
LM358
V
CC
V
CC1
Clock
Camino/Whitney
Chipset
RIMM
Memory
220µF
220µF
220µF
220µF
12V
GTL+
CPU
LX1668
5V
3.3V
12V
1.5 - 2V @ 16A
[VRM 8.2/8.4]
1.5V @ 3A
2.5V @ 0.2A
1.8V @ 3A
2.5V @ 2A
Synch.
Switcher
External
LDO
APPLICA TION CIRCUIT


Similar Part No. - LX1668CPW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
LX1661 MICROSEMI-LX1661 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
LX1662 MICROSEMI-LX1662 Datasheet
308Kb / 15P
   SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
LX1662A MICROSEMI-LX1662A Datasheet
308Kb / 15P
   SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
LX1662ACD MICROSEMI-LX1662ACD Datasheet
308Kb / 15P
   SINGLE-CHIP PROGRAMMABLE PWM CONTROLLERS WITH 5-BIT DAC
More results

Similar Description - LX1668CPW

ManufacturerPart #DatasheetDescription
logo
Good Will Instrument Co...
GPD-2303S GWINSTEK-GPD-2303S Datasheet
2Mb / 2P
   MULTIPLE OUTPUT PROGRAMMABLE LINEAR D.C. POWER SUPPLY
logo
Linear Technology
LTC1558-3.3 LINER-LTC1558-3.3_15 Datasheet
259Kb / 20P
   Backup Battery Controller with Programmable Output
LTC1558-3.3 LINER-LTC1558-3.3 Datasheet
254Kb / 20P
   Backup Battery Controller with Programmable Output
LTC1558-5 LINER-LTC1558-5_15 Datasheet
259Kb / 20P
   Backup Battery Controller with Programmable Output
logo
Maxim Integrated Produc...
MAX9132 MAXIM-MAX9132 Datasheet
736Kb / 20P
   Programmable, High-Speed, Multiple Input/Output LVDS Crossbar Switches
Rev 2; 4/11
logo
Renesas Technology Corp
ISL9506 RENESAS-ISL9506 Datasheet
1Mb / 28P
   Multiphase PWM Controller with Programmable Output Voltage
logo
Sumida Corporation
EEH1713 SUMIDA-EEH1713 Datasheet
278Kb / 1P
   Multiple Output Transformer
logo
Analog Devices
ADM6305 AD-ADM6305_12 Datasheet
247Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. A
ADM6305 AD-ADM6305 Datasheet
199Kb / 12P
   Multiple Input Programmable Supervisory ICs
REV. 0
logo
Toshiba Semiconductor
TLP621 TOSHIBA-TLP621_07 Datasheet
245Kb / 10P
   Programmable Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com