Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE91085 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91085
Description  Precision 1.85mm Male to 1.85mm Male Phase Matched Adapter Operating to 67 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91085 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91085 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91085 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91085 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Body Material and Plating
Stainless Steel
Body Plating Specification
ASTM-A582, Alloy 303, Cond. A
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Precision 1.85mm Male to 1.85mm Male Phase Matched Adapter Operating to 67 GHz from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision 1.85mm Male to 1.85mm Male Phase Matched Adapter Operating to 67 GHz PE91085
URL: http://www.pasternack.com/1.85mm-male-1.85mm-male-straight-adapter-pe91085-p.aspx
PE91085
PE91085 REV 1.0
Precision 1.85mm Male to 1.85mm Male Phase
Matched Adapter Operating to 67 GHz


Similar Part No. - PE91085

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9108 PASTERNACK-PE9108 Datasheet
237Kb / 2P
   Bulkhead SMC Jack to BNC Female Adapter
PE91080 PASTERNACK-PE91080 Datasheet
432Kb / 4P
   75 Ohm TNC Male to F Female Adapter
PE91081 PASTERNACK-PE91081 Datasheet
242Kb / 3P
   75 Ohm TNC Male to F Male Adapter
PE91082 PASTERNACK-PE91082 Datasheet
243Kb / 3P
   75 Ohm TNC Female to F Female Adapter
PE91083 PASTERNACK-PE91083 Datasheet
359Kb / 4P
   75 Ohm TNC Female to F Male Adapter
More results

Similar Description - PE91085

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91086 PASTERNACK-PE91086 Datasheet
256Kb / 3P
   Precision 1.85mm Male to 1.85mm Female Phase Matched Adapter Adapter Operating to 67 GHz
PE91084 PASTERNACK-PE91084 Datasheet
253Kb / 3P
   Precision 1.85mm Female to 1.85mm Female Phase Matched Adapter Operating to 67 GHz
PE9716 PASTERNACK-PE9716 Datasheet
84Kb / 1P
   1.85mm MALE TO 1.85mm MALE PRECISION ADAPTER
PE9715 PASTERNACK-PE9715 Datasheet
247Kb / 3P
   Precision 1.85mm Male to 1.85mm Female Adapter
PE9667 PASTERNACK-PE9667 Datasheet
151Kb / 1P
   2.9mm MALE TO 1.85mm MALE PRECISION ADAPTER
logo
List of Unclassifed Man...
V206 ETC2-V206 Datasheet
93Kb / 1P
   1.85MM MALE STRAIGHT TO 1.85MM MALE ADAPTER
logo
Pasternack Enterprises,...
PE9672 PASTERNACK-PE9672 Datasheet
83Kb / 1P
   1.85mm MALE TO 2.4mm MALE PRECISION ADAPTER
PE9746 PASTERNACK-PE9746 Datasheet
84Kb / 1P
   3.5mm MALE TO 1.85mm MALE PRECISION ADAPTER
PE91118 PASTERNACK-PE91118 Datasheet
250Kb / 3P
   Precision 1.0mm Male to 1.85mm Male Adapter
PE91119 PASTERNACK-PE91119 Datasheet
504Kb / 3P
   Precision 1.0mm Female to 1.85mm Male Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com