Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX5219CDW Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX5219CDW
Description  ULTRA 9 - CHANNEL SCSI TERMINATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5219CDW Datasheet(HTML) 4 Page - Microsemi Corporation

  LX5219CDW Datasheet HTML 1Page - Microsemi Corporation LX5219CDW Datasheet HTML 2Page - Microsemi Corporation LX5219CDW Datasheet HTML 3Page - Microsemi Corporation LX5219CDW Datasheet HTML 4Page - Microsemi Corporation LX5219CDW Datasheet HTML 5Page - Microsemi Corporation LX5219CDW Datasheet HTML 6Page - Microsemi Corporation LX5219CDW Datasheet HTML 7Page - Microsemi Corporation LX5219CDW Datasheet HTML 8Page - Microsemi Corporation LX5219CDW Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
UL TRA 9-C HANNEL SCSI T ERMINA T O R
LX5219
PRODUCT DA T ABOOK 1996/1997
Copyright © 1998
Rev. 1.8
3/98
4
P RODUCTION D ATA
S HEET
UltraMAX
BLOCK DIAGRAM
FUNCTIONAL DESCRIPTION
THERMAL
LIMITING
CIRCUIT
TERM POWER
CURRENT
BIASING
CIRCUIT
1.4V
DISABLE
PIN
24mA CURRENT
LIMITING CIRCUIT
DATA OUTPUT
PIN DB(0)
2.85V
1 OF 9 CHANNELS
Cable transmission theory suggests to optimize signal speed
and quality, the termination should act both as an ideal voltage
reference when the line is released (deasserted) and as an
ideal current source when the line is active (asserted).
Common active terminators, which consist of Linear Regulators
in series with resistors (typically
110
Ω), are a compromise. As the
line voltage increases, the amount
of current decreases linearly by the
equation V = I * R. The LX5219,
with its unique new architecture
applies the maximum amount of
current regardless of line voltage
until the termination high thresh-
old (2.85V) is reached.
Acting as a near ideal line terminator, the LX5219 closely
reproduces the optimum case when the device is enabled.
To enable the device the Disable Pin must be pulled logic
High or left Open. During this mode of operation, quiescent
current is 6mA and the device will respond to line demands
by delivering 24mA on assertion and by imposing 2.85V on
deassertion. In order to disable the device, the Disable pin
must be driven logic Low.
This mode of operation places
the device in a sleep state where a meager 275µA of quiescent
current is consumed. Additionally, all outputs are in a Hi-Z
(impedance) state. Sleep mode can
be used for power conservation or
to completely eliminate the termi-
nator from the SCSI chain. In the
second case, termination node ca-
pacitance is important to consider.
The terminator will appear as a
parasitic distributed capacitance on
the line, which can detract from bus
performance. For this reason, the
LX5219 has been optimized to have only 3pF of capacitance
per output in the sleep state.
An additional feature of the LX5219 is its compatibility with
active negation drivers.
The device handles up to 60mA of
sink current for drivers which exceed the 2.85V output high.
Disable
Outputs
Quiescent
(LX5219)
Current
H
Enabled
6mA
L
HI Z
275µA
Open
Enabled
6mA
POWER UP / POWER DOWN FUNCTION TABLE


Similar Part No. - LX5219CDW

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
LX521 POLYFET-LX521 Datasheet
45Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
logo
Microsemi Corporation
LX5211 MICROSEMI-LX5211 Datasheet
150Kb / 4P
   9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5211CDP MICROSEMI-LX5211CDP Datasheet
150Kb / 4P
   9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5211CPWP MICROSEMI-LX5211CPWP Datasheet
150Kb / 4P
   9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5212 MICROSEMI-LX5212 Datasheet
150Kb / 4P
   9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
More results

Similar Description - LX5219CDW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5115 MICROSEMI-LX5115 Datasheet
145Kb / 4P
   ULTRA 9 - CHANNEL SCSI TERMINATOR
LX5115A MICROSEMI-LX5115A Datasheet
150Kb / 4P
   ULTRA 9 - CHANNEL SCSI TERMINATOR
LX5111 MICROSEMI-LX5111 Datasheet
146Kb / 4P
   ULTRA 9 - CHANNEL SCSI TERMINATOR
LX5111A MICROSEMI-LX5111A Datasheet
147Kb / 4P
   ULT RA 9 - CHANNEL SCSI TERMINATOR
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
   9-Line LVD SCSI Terminator
LX5203 MICROSEMI-LX5203 Datasheet
147Kb / 4P
   9-LINE SCSI ACTIVE TERMINATOR
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
   9 - LINE LVD SCSI TERMINATOR
logo
Texas Instruments
UC5603DP TI-UC5603DP Datasheet
332Kb / 11P
[Old version datasheet]   9-LINE SCSI ACTIVE TERMINATOR
UCC5631A TI-UCC5631A Datasheet
62Kb / 6P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5630A TI1-UCC5630A_09 Datasheet
378Kb / 12P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com