Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX5242 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX5242
Description  MULTIMODE SCSI TERMINATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5242 Datasheet(HTML) 3 Page - Microsemi Corporation

  LX5242 Datasheet HTML 1Page - Microsemi Corporation LX5242 Datasheet HTML 2Page - Microsemi Corporation LX5242 Datasheet HTML 3Page - Microsemi Corporation LX5242 Datasheet HTML 4Page - Microsemi Corporation LX5242 Datasheet HTML 5Page - Microsemi Corporation LX5242 Datasheet HTML 6Page - Microsemi Corporation LX5242 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
M U L TIMODE SCSI T ERMIN A TOR
LX5241/5242/5243
PRODUCT D A T ABOOK 1996/1997
3
Copyright © 2000
Rev. 1.4 11/00
P RODUCTION D AT A S HEET
UltraMAX
Termpwr Supply Current
SE I
CC
All term lines = Open, Master/Slave = 0V
All term lines = 0.2V, Master/Slave = 0V
LX5241/5243: DISCONNECT > 2.0V, LX5242: DISCONNECT < 0.8V
Terminator Output High Volt
V
O
Output Current
I
O
V
OUT = 0.2V
Sink Current
I
SINK
V
OUT = 4V, All lines
Output Capacitance
C
O
LX5241/5243: DISCONNECT > 2.0V, LX5242: DISCONNECT < 0.8V
Leakage Current
I
LEAK
LX5241/5243: DISCONNECT > 2.0V, LX5242: DISCONNECT < 0.8V,
V
OUT = 0 to 4V, TA = 25°C
LX5241/5243: DISCONNECT > 2.0V, LX5242: DISCONNECT < 0.8V,
V
TERM = Open, VLINE = 2.7V, TA = 25°C
Termpwr Voltage
LVD
V
TERM
SE
Signal Line Voltage
Disconnect Input Voltage
Operating Virtual Junction Temperature Range
LX5241C / 5242C / 5243C
3.0
5.25
V
3.5
5.25
V
0
5.0
V
0V
TERM
V
0
70
°C
RECOMMENDED OPER A TING CONDITIONS
(Note 2)
Parameter
Symbol
Units
Recommended Operating Conditions
Min.
Typ.
Max.
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over the operating ambient temperature range of 0°C
≤ T
A ≤ 70°C,
TermPwr = 4.75V.
For the LX5241/5243 DISCONNECT = L, for the LX5242 DISCONNECT = H. Low duty cycle pulse testing techniques are used which maintains junction and
case temperatures equal to the ambient temperature.)
Parameter
Symbol
Test Conditions
Units
LX5241 / 5242 / 5243
Min.
Typ.
Max.
25
30
mA
15
35
µA
1.125
1.25
1.375
V
100
112
125
mV
100
105
110
100
200
300
2.5
pF
2
µA
1
µA
115
ms
LVD Terminator Section
TermPwr Supply Current
LVD I
CC
All term lines = Open
LX5241/5243: DISCONNECT > 2.0V, LX5242: DISCONNECT < 0.8V
Common Mode Voltage
V
CM
Offset Voltage
V
FSB
Open circuit between - and + (see Note 3)
Differential Terminator Impedance
Z
D
V
OUT Differential = -1V to 1V
Common Mode Impedance
Z
CM
0V to 2.5V
Output Capacitance
C
O
LX5241/5243: DISCONNECT > 2.0V, LX5242: DISCONNECT < 0.8V
Output Leakage
I
LEAK
LX5241/5243: DISCONNECT > 2.0V, LX5242: DISCONNECT < 0.8V,
V
LINE = 0 to 4V, TA = 25°C
LX5241/5243: DISCONNECT > 2.0V, LX5242: DISCONNECT < 0.8V,
V
TERM = 0V, VLINE = 2.7V
Mode Change Delay
t
DF
DIFFSENSE = 1.4V to 0V
7
10
mA
214
226
mA
15
35
µA
2.6
2.85
V
21
23
24
mA
45
65
mA
2.5
pF
2
µA
1
µA
Single-Ended Termination Section
Note 2. Range over which the device is functional.
Note 3. Open circuit failsafe voltage.
DIFFSENSE Output Voltage
V
DIFF
DIFFSENSE Output Source Current
I
DIFF
V
DIFF = 0V
DIFFSENSE Sink Current
I
SINK(DIFF)
V
DIFF = 2.75V
DIFFSENSE Output Leakage
I
LEAK(DIFF)
LX5241/5243: DISCONNECT > 2.0V, LX5242: DISCONNECT < 0.8V,
T
A = 25°C
1.2
1.3
1.4
V
5.0
15.0
mA
200
µA
10
µA
DIFFSENSE Section


Similar Part No. - LX5242

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5240 MICROSEMI-LX5240 Datasheet
165Kb / 5P
   MULTIMODE, PLUG AND PLAY SCSI TERMINATOR
LX5240CDB MICROSEMI-LX5240CDB Datasheet
165Kb / 5P
   MULTIMODE, PLUG AND PLAY SCSI TERMINATOR
LX5240CPW MICROSEMI-LX5240CPW Datasheet
165Kb / 5P
   MULTIMODE, PLUG AND PLAY SCSI TERMINATOR
LX5245 MICROSEMI-LX5245 Datasheet
177Kb / 7P
   9 - LINE LVD SCSI TERMINATO
LX5245CPW MICROSEMI-LX5245CPW Datasheet
177Kb / 7P
   9 - LINE LVD SCSI TERMINATO
More results

Similar Description - LX5242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5628 TI-UCC5628 Datasheet
68Kb / 5P
[Old version datasheet]   Multimode SCSI 14 Line Terminator
UCC5629 TI-UCC5629 Datasheet
54Kb / 5P
[Old version datasheet]   Multimode SCSI 14 Line Terminator
UCC5638 TI-UCC5638 Datasheet
48Kb / 5P
[Old version datasheet]   Multimode SCSI 15 Line Terminator
UCC5631A TI-UCC5631A Datasheet
62Kb / 6P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5629 TI1-UCC5629_08 Datasheet
403Kb / 12P
[Old version datasheet]   MULTIMODE SCSI 14 LINE TERMINATOR
UCC5630A TI1-UCC5630A_09 Datasheet
378Kb / 12P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
logo
Microsemi Corporation
LX5251 MICROSEMI-LX5251 Datasheet
164Kb / 8P
   9-Line Multimode SCSI Terminator
logo
Texas Instruments
UCC5631A TI1-UCC5631A_09 Datasheet
265Kb / 10P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5628 TI1-UCC5628_08 Datasheet
393Kb / 11P
[Old version datasheet]   MULTIMODE SCSI 14 LINE TERMINATOR
UCC5638 TI1-UCC5638_06 Datasheet
138Kb / 8P
[Old version datasheet]   Multimode SCSI 15 Line Terminator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com