Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE91231 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE91231
Description  4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Male Adapter IP67 UnMated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE91231 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE91231 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE91231 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE91231 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/16/2014
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male Adapter IP67 UnMated from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male Adapter IP67 UnMated PE91231
URL: http://www.pasternack.com/4.1-9.5-mini-din-male-4.1-9.5-mini-din-male-straight-adapter-pe91231-p.aspx
PE91231
PE91231 REV 1.0
4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN
Male Adapter IP67 UnMated


Similar Part No. - PE91231

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9123 PASTERNACK-PE9123 Datasheet
245Kb / 2P
   4 Hole Flange N Female to BNC Male Adapter
PE91230 PASTERNACK-PE91230 Datasheet
365Kb / 3P
   Bulkhead 7 - 16 DIN Female to 7 - 16 DIN Female Adapter IP67 UnMated
PE91232 PASTERNACK-PE91232 Datasheet
359Kb / 3P
   4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
PE91233 PASTERNACK-PE91233 Datasheet
357Kb / 3P
   4.1 - 9.5 Mini DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
PE91234 PASTERNACK-PE91234 Datasheet
368Kb / 3P
   Bulkhead 4.1 - 9.5 Mini DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
More results

Similar Description - PE91231

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE91232 PASTERNACK-PE91232 Datasheet
359Kb / 3P
   4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
PE91194 PASTERNACK-PE91194 Datasheet
358Kb / 3P
   4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Male Adapter IP67 Mated
PE91195 PASTERNACK-PE91195 Datasheet
360Kb / 3P
   4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PE91233 PASTERNACK-PE91233 Datasheet
357Kb / 3P
   4.1 - 9.5 Mini DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
PE91253 PASTERNACK-PE91253 Datasheet
359Kb / 3P
   4.1 - 9.5 Mini DIN Male to N Male Adapter IP67 UnMated
PE91234 PASTERNACK-PE91234 Datasheet
368Kb / 3P
   Bulkhead 4.1 - 9.5 Mini DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
PE91243 PASTERNACK-PE91243 Datasheet
360Kb / 3P
   7 - 16 DIN Male to 4.1 - 9.5 Mini DIN Male Adapter IP67 UnMated
PE91254 PASTERNACK-PE91254 Datasheet
358Kb / 3P
   4.1 - 9.5 Mini DIN Male to N Female Adapter IP67 UnMated
PE91256 PASTERNACK-PE91256 Datasheet
358Kb / 3P
   4.1 - 9.5 Mini DIN Female to N Male Adapter IP67 UnMated
PE91196 PASTERNACK-PE91196 Datasheet
358Kb / 3P
   4.1 - 9.5 Mini DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com