Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX7001MY Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX7001MY
Description  TRANSIENT IMMUNE UNDERVOLTAGE SENSING CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX7001MY Datasheet(HTML) 4 Page - Microsemi Corporation

  LX7001MY Datasheet HTML 1Page - Microsemi Corporation LX7001MY Datasheet HTML 2Page - Microsemi Corporation LX7001MY Datasheet HTML 3Page - Microsemi Corporation LX7001MY Datasheet HTML 4Page - Microsemi Corporation LX7001MY Datasheet HTML 5Page - Microsemi Corporation LX7001MY Datasheet HTML 6Page - Microsemi Corporation LX7001MY Datasheet HTML 7Page - Microsemi Corporation LX7001MY Datasheet HTML 8Page - Microsemi Corporation LX7001MY Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TRANSIENT IMMUNE UNDERVOLTAGE SENSING CIRCUIT
LX7001
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.2
6/99
4
P RODUCTION
D AT A
S HEET
BLOCK DIAGRAM
GRAPH / CURVE INDEX
FIGURE INDEX
Characteristic Curves
FIGURE #
1.
RESET OUTPUT VOLTAGE vs. INPUT VOLTAGE
2.
POWER-UP RESET VOLTAGE
3.
RESET OUTPUT VOLTAGE vs. INPUT VOLTAGE
4.
THRESHOLD VOLTAGE vs. TEMPERATURE
5.
THRESHOLD HYSTERESIS vs. TEMPERATURE
6.
SUPPLY CURRENT vs. INPUT VOLTAGE
7.
SUPPLY CURRENT vs. TEMPERATURE
8.
LOW LEVEL OUTPUT CURRENT vs. TEMPERATURE
9.
LOW LEVEL OUTPUT VOLTAGE vs. LOW LEVEL OUTPUT CURRENT
10.
VOLTAGE vs. CLAMP DIODE FORWARD CURRENT
11.
PROPAGATION DELAY
12.
LOW LEVEL OUTPUT VOLTAGE vs. TEMPERATURE
Application Circuits
FIGURE #
13.
LOW VOLTAGE MICROPROCESSOR RESET
14.
SWITCHING THE LOAD OFF WHEN BATTERY REACHES BELOW 4.3V
15.
VOLTAGE MONITOR
16.
MOSFET LOW VOLTAGE GATE DRIVE PROTECTION
17.
LOW VOLTAGE MICROPROCESSOR RESET with ADDITIONAL
HYSTERESIS
1.2 V
REF
V
IN
RESET
GROUND


Similar Part No. - LX7001MY

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
LX703 POLYFET-LX703 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LX703 POLYFET-LX703_14 Datasheet
60Kb / 2P
   RF POWER LDMOS TRANSISTOR
More results

Similar Description - LX7001MY

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064D-5G ONSEMI-MC34064D-5G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC33164 MICROSEMI-MC33164 Datasheet
159Kb / 7P
   5V UNDERVOLTAGE SENSING CIRCUIT
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com