Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1835A Datasheet(PDF) 1 Page - ON Semiconductor

Part # ENA1835A
Description  8-bit 1-chip Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA1835A Datasheet(HTML) 1 Page - ON Semiconductor

  ENA1835A Datasheet HTML 1Page - ON Semiconductor ENA1835A Datasheet HTML 2Page - ON Semiconductor ENA1835A Datasheet HTML 3Page - ON Semiconductor ENA1835A Datasheet HTML 4Page - ON Semiconductor ENA1835A Datasheet HTML 5Page - ON Semiconductor ENA1835A Datasheet HTML 6Page - ON Semiconductor ENA1835A Datasheet HTML 7Page - ON Semiconductor ENA1835A Datasheet HTML 8Page - ON Semiconductor ENA1835A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
D2612HK/11211HKIM 20100907-S00002 No.A1835-1/23
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
May, 2013
Ver.1.01
LC87F1L16A
Overview
The LC87F1L16A is an 8-bit microcomputer that, integrates on a single chip a number of hardware features such as
16K-byte flash ROM, 2048-byte RAM, an on-chip debugger, a 16-bit timer/counter, a 16-bit timer, four 8-bit timers,
a base timer serving as a time-of-day clock, a synchronous SIO interface with automatic data transfer capabilities, an
asynchronous/synchronous SIO interface, a UART interface, 2 channels of full-speed USB interface (host control
function), a 12-channel AD converter, 2 channels of 12-bit PWM, a system clock frequency divider, and an interrupt
feature.
Features
Flash ROM
• 16384 × 8 bits
• Capable of on-board programming
with a wide range of supply voltages: 3.0 to 5.5V
• Block-erasable in 128 byte units
• Writes data in 2-byte units
RAM
• 2048 × 9 bits
Package Form
• SQFP48 (7×7): Lead-/Halogen-free type
Ordering number : ENA1835A
Package Dimensions
unit : mm (typ)
3163B
SANYO : SQFP48(7X7)
7.0
9.0
0.15
0.18
0.5
(0.75)
112
13
24
25
36
37
48
CMOS IC
16K-byte FROM and 2048-byte RAM integrated
8-bit 1-chip Microcontroller
with USB-host controller
* This product is licensed from Silicon Storage Technology, Inc. (USA).


Similar Part No. - ENA1835A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1832A SANYO-ENA1832A Datasheet
348Kb / 6P
   Ultrahigh-Speed Switching Diode
ENA1833C SANYO-ENA1833C Datasheet
265Kb / 15P
   For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
ENA1836B ONSEMI-ENA1836B Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
ENA1837A ONSEMI-ENA1837A Datasheet
325Kb / 7P
   Bipolar Transistor 200V, 0.7A, Low VCE(sat), NPN Single TO-126ML
September, 2013
logo
Sanyo Semicon Device
ENA1839A SANYO-ENA1839A Datasheet
607Kb / 7P
   RF Double Balanced Mixer IC
More results

Similar Description - ENA1835A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com