Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F0N04A Datasheet(PDF) 10 Page - ON Semiconductor

Part # LC87F0N04A
Description  8-bit 1-chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F0N04A Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LC87F0N04A Datasheet HTML 6Page - ON Semiconductor LC87F0N04A Datasheet HTML 7Page - ON Semiconductor LC87F0N04A Datasheet HTML 8Page - ON Semiconductor LC87F0N04A Datasheet HTML 9Page - ON Semiconductor LC87F0N04A Datasheet HTML 10Page - ON Semiconductor LC87F0N04A Datasheet HTML 11Page - ON Semiconductor LC87F0N04A Datasheet HTML 12Page - ON Semiconductor LC87F0N04A Datasheet HTML 13Page - ON Semiconductor LC87F0N04A Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LC87F0N04A
No.A2055-10/19
Allowable Operating Conditions
at Ta = -40
C to +85C, VSS1 = 0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
VDD[V]
min
typ
max
unit
Operating
supply voltage
VDD(1)
VDD1
0.291
s  tCYC  200s
2.8
5.5
V
Memory
sustaining
supply voltage
VHD
VDD1
RAM and register contents
sustained in HOLD mode.
2.0
High level
input voltage
VIH(1)
Ports 1
2.8 to 5.5
0.3VDD
+0.7
VDD
VIH(2)
Ports 0
2.8 to 5.5
0.3VDD
+0.7
VDD
VIH(3)
RES
2.8 to 5.5
0.75VDD
VDD
Low level
input voltage
VIL(1)
Ports 1
4.0 to 5.5
VSS
0.1VDD
+0.4
2.8 to 4.0
VSS
0.2VDD
VIL(2)
Ports 0
4.0 to 5.5
VSS
0.15VDD
+0.4
2.8 to 4.0
VSS
0.2VDD
VIL(3)
RES
2.8 to 5.5
VSS
0.25VDD
Instruction
cycle time
(Note 2-1)
tCYC
2.8 to 5.5
0.291
200
s
Oscillation
frequency
range
FmMRC(1)
Internal High-speed RC oscillation.
(Note 2-2)
2.8 to 5.5
9.7
10.0
10.3
MHz
FmMRC(2)
Internal High-speed RC oscillation.
Ta=0
C to 85C (Note 2-2)
2.8 to 5.5
9.75
10.0
10.25
MHz
FmRC
Internal Medium-speed RC
oscillation
2.8 to 5.5
0.5
1.0
2.0
MHz
FmSRC
Internal Slow-speed RC oscillation
for watchdog timer.
2.8 to 5.5
15
30
60
kHz
Note 2-1: Relationship between tCYC and oscillation frequency is 3/FmMRC at a division ratio of 1/1 and 6/FmMRC
at a division ratio of 1/2.
Note 2-2: When switching the system clock, allow an oscillation stabilization time of 100
s or longer after the
High-speed RC oscillator circuit transmits from the "oscillation stopped" to "oscillation enabled" state.


Similar Part No. - LC87F0N04A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Similar Description - LC87F0N04A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com