Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F1K64AUWA-2H Datasheet(PDF) 11 Page - ON Semiconductor

Part # LC87F1K64AUWA-2H
Description  8-bit Microcontroller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F1K64AUWA-2H Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LC87F1K64AUWA-2H Datasheet HTML 7Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 8Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 9Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 10Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 11Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 12Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 13Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 14Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
LC87F1K64A
No.A2197-11/35
Continued from preceding page.
Pin Name
I/O
Description
Option
Port 7
• 4-bit I/O port
• I/O can be specified in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P70: INT0 input / HOLD release input / timer 0L capture input /
watchdog timer output
P71: INT1 input / HOLD release input / timer 0H capture input
P72: INT2 input / HOLD release input / timer 0 event input /
timer 0L capture input / high-speed clock counter input
P73: INT3 input (input with noise filter) / timer 0 event input /
timer 0H capture input / infrared remote control receiver input
AD converter input port: AN8 (P70), AN9 (P71)
Interrupt acknowledge types
Rising
Falling
Rising &
Falling
H Level
L Level
INT0
Enable
Enable
Disable
Enable
Enable
INT1
Enable
Enable
Disable
Enable
Enable
INT2
Enable
Enable
Enable
Disable
Disable
INT3
Enable
Enable
Enable
Disable
Disable
P70 to P73
I/O
No
PWM0
PWM1
I/O
PWM0 and PWM1 output port
General-purpose input port
• Pin functions
PWM0: Audio interface master clock output
PWM1: Audio interface master clock input
No
UHAD-
UHAD+
I/O
USB-A port data I/O pin / general-purpose I/O port
No
UHBD-
UHBD+
I/O
USB-B port data I/O pin / general-purpose I/O port
No
RES
I/O
External reset input / internal reset output
No
XT1
I
• 32.768kHz crystal resonator input
• Pin functions
General-purpose input port
AD converter input port: AN10
No
XT2
I/O
• 32.768kHz crystal resonator output
• Pin functions
General-purpose I/O port
AD converter input port: AN11
No
CF1
I
Ceramic/crystal resonator input
No
CF2
O
Ceramic/crystal resonator output
No


Similar Part No. - LC87F1K64AUWA-2H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87F1K64AUWA-2H ONSEMI-LC87F1K64AUWA-2H Datasheet
327Kb / 35P
   8-bit Microcontroller with USB-host Controller
July, 2013 ver.1.02
More results

Similar Description - LC87F1K64AUWA-2H

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com