Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA2263 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ENA2263
Description  8M-bit (1024K ??8) Serial Flash Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA2263 Datasheet(HTML) 3 Page - ON Semiconductor

  ENA2263 Datasheet HTML 1Page - ON Semiconductor ENA2263 Datasheet HTML 2Page - ON Semiconductor ENA2263 Datasheet HTML 3Page - ON Semiconductor ENA2263 Datasheet HTML 4Page - ON Semiconductor ENA2263 Datasheet HTML 5Page - ON Semiconductor ENA2263 Datasheet HTML 6Page - ON Semiconductor ENA2263 Datasheet HTML 7Page - ON Semiconductor ENA2263 Datasheet HTML 8Page - ON Semiconductor ENA2263 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LE25U81AFD
No.A2263-3/23
AC Characteristics
Parameter
Symbol
Ratings
unit
min
typ
max
Clock frequency
Read instruction (03h)
fCLK
30
MHz
All instruction except for read (03h)
40
MHz
Input signal rising/falling time
tRF
0.1
V/ns
SCK logic high level pulse width
30MHz
tCLHI
14
ns
40MHz
11.5
ns
SCK logic low level pulse width
30MHz
tCLLO
14
ns
40MHz
11.5
ns
CS setup time
tCSS
10
ns
Data setup time
tDS
5
ns
Data hold time
tDH
4
ns
CS hold time
tCSH
10
ns
CS wait pulse width
tCPH
25
ns
Output high impedance time from CS
tCHZ
15
ns
Output data time from SCK
tV
8
9
ns
Output data hold time
tHO
1
ns
HOLD setup time
tHS
5
ns
HOLD hold time
tHH
5
ns
Output low impedance time from HOLD
tHLZ
12
ns
Output high impedance time from HOLD
tHHZ
9
ns
WP setup time
tWPS
20
ns
WP hold time
tWPH
20
ns
Write status register time
tSRW
8
10
ms
Page programming cycle time
256Byte
tPP
0.3
0.5
ms
nByte
0.15+
n*0.15/256
0.20+
n*0.30/256
ms
Small sector erase cycle time
tSSE
0.04
0.15
s
Sector erase cycle time
tSE
0.08
0.25
s
Chip erase cycle time
tCHE
0.5
6.0
s
Power-down time
tDP
5
s
Power-down recovery time
tPRB
500
s
Output low impedance time from SCK
tCLZ
0
ns
AC Test Conditions
Input pulse level ··········· 0.2VDD to 0.8VDD
Input rising/falling time ·· 5ns
Input timing level ········· 0.3VDD, 0.7VDD
Output timing level ······· 1/2
VDD
Output load ················ 15pF
Note: As the test conditions for "typ", the measurements are conducted using 2.5V for VDD at room temperature.
0.8VDD
0.2VDD
0.7VDD
0.3VDD
1/2VDD
input level
input/output timing level


Similar Part No. - ENA2263

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2260 ONSEMI-ENA2260 Datasheet
159Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013
ENA2261 ONSEMI-ENA2261 Datasheet
203Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013
ENA2262A ONSEMI-ENA2262A Datasheet
161Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
April, 2014
ENA2269 ONSEMI-ENA2269 Datasheet
150Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
December, 2013
More results

Similar Description - ENA2263

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2262A ONSEMI-ENA2262A Datasheet
161Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
April, 2014
ENA2269 ONSEMI-ENA2269 Datasheet
150Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
December, 2013
ENA2287 ONSEMI-ENA2287 Datasheet
173Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 2.12
ENA2286 ONSEMI-ENA2286 Datasheet
172Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 1.62
ENA2261 ONSEMI-ENA2261 Datasheet
203Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013
ENA2199 ONSEMI-ENA2199 Datasheet
143Kb / 22P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013 Ver. 2.0
ENA2260 ONSEMI-ENA2260 Datasheet
159Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013
logo
List of Unclassifed Man...
PN25F08 ETC2-PN25F08 Datasheet
1Mb / 59P
   8M-BIT SERIAL FLASH MEMORY
logo
Macronix International
MX29F080 MCNIX-MX29F080 Datasheet
664Kb / 38P
   8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806_10 Datasheet
180Kb / 22P
   8M-bit (1M횞8) Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com