Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA2279 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ENA2279
Description  8-bit Microcontroller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA2279 Datasheet(HTML) 5 Page - ON Semiconductor

  ENA2279 Datasheet HTML 1Page - ON Semiconductor ENA2279 Datasheet HTML 2Page - ON Semiconductor ENA2279 Datasheet HTML 3Page - ON Semiconductor ENA2279 Datasheet HTML 4Page - ON Semiconductor ENA2279 Datasheet HTML 5Page - ON Semiconductor ENA2279 Datasheet HTML 6Page - ON Semiconductor ENA2279 Datasheet HTML 7Page - ON Semiconductor ENA2279 Datasheet HTML 8Page - ON Semiconductor ENA2279 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LC87F2L08A
No.A2279-5/30
 Internal reset function
● Power-on reset (POR) function
1) POR reset is generated only at power-on time.
2) The POR release level can be selected from 8 levels (1.67V, 1.97V, 2.07V, 2.37V, 2.57V, 2.87V, 3.86V, and
4.35V) through option configuration.
● Low-voltage detection reset (LVD) function
1) LVD and POR functions are combined to generate resets when power is turned on and when power voltage falls
below a certain level.
2) The use/disuse of the LVD function and the low voltage threshold level (7 levels: 1.91V, 2.01V, 2.31V, 2.51V,
2.81V, 3.79V, 4.28V).
 Standby function
● HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation.
1) Oscillation is not halted automatically.
2) There are three ways of resetting the HALT mode.
(1) Setting the reset pin to the low level
(2) System resetting by watchdog timer or low-voltage detection
(3) Occurrence of an interrupt
● HOLD mode: Suspends instruction execution and the operation of the peripheral circuits.
1) The CF, RC, and crystal oscillators automatically stop operation.
2) There are four ways of resetting the HOLD mode.
(1) Setting the reset pin to the lower level.
(2) System resetting by watchdog timer or low-voltage detection
(3) Having an interrupt source established at either INT0, INT1, INT2, INT4 or INT5
* INT0 and INT1 HOLD mode reset is available only when level detection is set.
(4) Having an interrupt source established at port 0.
●X'tal HOLD mode: Suspends instruction execution and the operation of the peripheral circuits except the base timer.
1) The CF and RC oscillators automatically stop operation.
2) The state of crystal oscillation established when the X'tal HOLD mode is entered is retained.
3) There are five ways of resetting the X'tal HOLD mode.
(1) Setting the reset pin to the low level.
(2) System resetting by watchdog timer or low-voltage detection.
(3) Having an interrupt source established at either INT0, INT1, INT2, INT4 or INT5
* INT0 and INT1 HOLD mode reset is available only when level detection is set.
(4) Having an interrupt source established at port 0.
(5) Having an interrupt source established in the base timer circuit.
Note: Available only when X’tal oscillation is selected.


Similar Part No. - ENA2279

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2275 ONSEMI-ENA2275 Datasheet
400Kb / 24P
   8-bit Microcontroller
July, 2014 Ver. 1.03
More results

Similar Description - ENA2279

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com