Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8386-33 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX8386-33
Description  1.5 A LOW DROPOUT POSITIVE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8386-33 Datasheet(HTML) 7 Page - Microsemi Corporation

  LX8386-33 Datasheet HTML 1Page - Microsemi Corporation LX8386-33 Datasheet HTML 2Page - Microsemi Corporation LX8386-33 Datasheet HTML 3Page - Microsemi Corporation LX8386-33 Datasheet HTML 4Page - Microsemi Corporation LX8386-33 Datasheet HTML 5Page - Microsemi Corporation LX8386-33 Datasheet HTML 6Page - Microsemi Corporation LX8386-33 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
1.5A L OW D ROPOUT P OSITIVE R EGULA TORS
LX8386-xx/8386A-xx/8386B-xx
PRODUCT DA T ABOOK 1996/1997
7
Copyright © 1999
Rev. 1.7a 10/00
P RODUCTION D AT A S HEET
TYPICAL APPLICA TIONS
LX8386/86A/86B
OUT
IN
ADJ
150µF
V
IN
R2
365
1%
10µF
R1
121
1%
C1
10µF*
* C1 improves ripple rejection.
X
C should be ≈ R1 at ripple
frequency.
V
OUT
5V
(Note A)
FIGURE 5 — 1.2V - 8V Adjustable Regulator
FIGURE 4 — Improving Ripple Rejection
LX8386/86A/86B
OUT
IN
ADJ
V
OUT**
V
IN
R1
121
R2
1k
C1*
10µF
* Needed if device is far from filter capacitors.
** V
OUT = 1.25V
1 +
C2
100µF
R2
R1
(Note A)
FIGURE 6 — 5V Regulator With Shutdown
(Note A)
LX8386/86A/86B
OUT
IN
ADJ
5V
V
IN
121
1%
10µF
100µF
365
1%
1k
1k
2N3904
TTL
Output
Note A:
V
IN (MIN) = (Intended VOUT) + (VDROPOUT (MAX))
FIGURE 7 — Fixed 3.3V Output Regulator
LX8386/86A/86B-33
OUT
IN
GND
3.3V
V
IN
10µF Tantalum
or 100µF Aluminum
Min. 15µF Tantalum or
100µF Aluminum capacitor.
May be increased without
limit. ESR must be less
than 50m
Ω.
PRODUCTION DATA - Information contained in this document is proprietary to Lin Finity, and is current as of publication date. This document
may not be modified in any way without the express written consent of LinFinity. Product processing does not necessarily include testing of
all parameters. Linfinity reserves the right to change the configuration and performance of the product and to discontinue product at any time.


Similar Part No. - LX8386-33

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8386-XXCDD MICROSEMI-LX8386-XXCDD Datasheet
283Kb / 11P
   1.5A Low Dropout Positive Regulators
LX8386-XXCDT MICROSEMI-LX8386-XXCDT Datasheet
283Kb / 11P
   1.5A Low Dropout Positive Regulators
LX8386-XXCP MICROSEMI-LX8386-XXCP Datasheet
283Kb / 11P
   1.5A Low Dropout Positive Regulators
LX8386-XXIDD MICROSEMI-LX8386-XXIDD Datasheet
283Kb / 11P
   1.5A Low Dropout Positive Regulators
LX8386-XXIDT MICROSEMI-LX8386-XXIDT Datasheet
283Kb / 11P
   1.5A Low Dropout Positive Regulators
More results

Similar Description - LX8386-33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
PJ1086 ETC-PJ1086 Datasheet
290Kb / 6P
   1.5 Amp Low Dropout Positive Voltage Regulators
logo
Microsemi Corporation
LX8415-XX MICROSEMI-LX8415-XX Datasheet
191Kb / 7P
   0.5 A LOW DROPOUT POSITIVE REGULATORS
LX8584-XX MICROSEMI-LX8584-XX Datasheet
206Kb / 7P
   7 A LOW DROPOUT POSITIVE REGULATORS
LX8383-XX MICROSEMI-LX8383-XX Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8385-XX MICROSEMI-LX8385-XX Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1085 TI1-LM1085_16 Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
logo
Linear Dimensions Semic...
LND1085 LINEAR_DIMENSIONS-LND1085 Datasheet
155Kb / 5P
   1.5 A / 3 A Low Dropout Voltage Regulators
logo
Texas Instruments
LM1086-MIL TI1-LM1086-MIL Datasheet
856Kb / 23P
[Old version datasheet]   1.5-A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com