Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAI-29050-AXA-JD-B2 Datasheet(PDF) 4 Page - ON Semiconductor

Part # KAI-29050-AXA-JD-B2
Description  Interline CCD Image Sensor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-29050-AXA-JD-B2 Datasheet(HTML) 4 Page - ON Semiconductor

  KAI-29050-AXA-JD-B2 Datasheet HTML 1Page - ON Semiconductor KAI-29050-AXA-JD-B2 Datasheet HTML 2Page - ON Semiconductor KAI-29050-AXA-JD-B2 Datasheet HTML 3Page - ON Semiconductor KAI-29050-AXA-JD-B2 Datasheet HTML 4Page - ON Semiconductor KAI-29050-AXA-JD-B2 Datasheet HTML 5Page - ON Semiconductor KAI-29050-AXA-JD-B2 Datasheet HTML 6Page - ON Semiconductor KAI-29050-AXA-JD-B2 Datasheet HTML 7Page - ON Semiconductor KAI-29050-AXA-JD-B2 Datasheet HTML 8Page - ON Semiconductor KAI-29050-AXA-JD-B2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
KAI−29050
www.onsemi.com
4
DEVICE DESCRIPTION
Architecture
Figure 2. Block Diagram
22 Dark
22
V1B
12 Buffer
12
12
22
FLD
FLD
6576H x 4384V
5.5 mm x 5.5 mm Pixels
3288
3288
3288
3288
(Last VCCD Phase = V1 → H1S)
V2B
V3B
V4B
V1T
V2T
V3T
V4T
RDa
Ra
VDDa
VOUTa
GND
RDc
Rc
VDDc
VOUTc
GND
RDd
Rd
VDDd
VOUTd
GND
RDb
Rb
VDDb
VOUTb
GND
V1B
V2B
V3B
V4B
V1T
V2T
V3T
V4T
H2SLa
OGa
H2SLc
OGc
H2SLd
OGd
H2SLb
OGb
ESD
ESD
8 22 10 1
12
8
22
10
1
12
8
22
10
1
12
8 22
12
22 12
DevID
10 1
Dark Reference Pixels
There are 22 dark reference rows at the top and 22 dark
rows at the bottom of the image sensor. The dark rows are not
entirely dark and so should not be used for a dark reference
level. Use the 22 dark columns on the left or right side of the
image sensor as a dark reference.
Under normal circumstances use only the center 20
columns of the 22 column dark reference due to potential
light leakage.
Dummy Pixels
Within each horizontal shift register there are 11 leading
additional shift phases. These pixels are designated as
dummy pixels and should not be used to determine a dark
reference level.
In addition, there is one dummy row of pixels at the top
and bottom of the image.
Active Buffer Pixels
12 unshielded pixels adjacent to any leading or trailing
dark reference regions are classified as active buffer pixels.
These pixels are light sensitive but are not tested for defects
and non−uniformities.
Image Acquisitio
n
An electronic representation of an image is formed when
incident photons falling on the sensor plane create
electron−hole pairs within the individual silicon
photodiodes. These photoelectrons are collected locally by
the formation of potential wells at each photosite. Below
photodiode saturation, the number of photoelectrons
collected at each pixel is linearly dependent upon light level
and exposure time and non−linearly dependent on
wavelength. When the photodiodes charge capacity is
reached, excess electrons are discharged into the substrate to
prevent blooming.


Similar Part No. - KAI-29050-AXA-JD-B2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-29050-AXA-JD-B2 ONSEMI-KAI-29050-AXA-JD-B2 Datasheet
845Kb / 33P
   Interline CCD Image Sensor
September, 2016 ??Rev. 9
KAI-29050-AXA-JD-B2 ONSEMI-KAI-29050-AXA-JD-B2 Datasheet
2Mb / 34P
   6576 (H) x 4384 (V) Interline CCD Image Sensor
July, 2018 ??Rev. 10
More results

Similar Description - KAI-29050-AXA-JD-B2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com