Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8117-33 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX8117-33
Description  0.8, 1 & 1.2A LOW DROPOUT POSITIVE REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8117-33 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX8117-33 Datasheet HTML 1Page - Microsemi Corporation LX8117-33 Datasheet HTML 2Page - Microsemi Corporation LX8117-33 Datasheet HTML 3Page - Microsemi Corporation LX8117-33 Datasheet HTML 4Page - Microsemi Corporation LX8117-33 Datasheet HTML 5Page - Microsemi Corporation LX8117-33 Datasheet HTML 6Page - Microsemi Corporation LX8117-33 Datasheet HTML 7Page - Microsemi Corporation LX8117-33 Datasheet HTML 8Page - Microsemi Corporation LX8117-33 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Note: All surface-mount packages are available in Tape & Reel. Append the letter "T" to part number
(i.e. LX8117-28CSTT). "xx" refers to output voltage, please see table above.
DESCRIPTION
KEY FEA TURES
s 0.2% Line Regulation Maximum
s 0.4% Load Regulation Maximum
s Output Current Of 800mA
s Regulates Down To 1.2V Dropout
(LX8117) And 1.3V Dropout (LX8117A)
s Operates Down To 1V Dropout
s Space Saving SOT-223 Surface
Mount Package
s Guaranteed Dropout Voltage At Multiple
Current Levels
s Three-Terminal Adjustable Or Fixed 2.5V,
2.85V, 3.3V & 5V
The LX8117/8117A/8117B series are
positive Low Dropout (LDO) regulators.
At the designed maximum load current,
the LX8117 series dropout voltage is guar-
anteed to be 1.2V or lower at 0.8A
(LX8117A 1.3V @ 1A).
The dropout
voltage decreases with load current.
An adjustable output voltage version
of the LX8117/17A/17B is available, as
well as versions with fixed outputs of
2.5V, 2.85V, 3.3V and 5V.
The 2.85V
version is specifically designed for use
as a component of active termination
networks for the SCSI bus.
On-chip
trimming of the internal voltage reference
allows specification of the initial output
voltage to within ±1% of its nominal
value. The output current-limit point is
also trimmed, which helps to minimize
stress on both the regulator and the
system power source when they are
operated under short-circuit conditions.
The regulator's internal circuitry will
operate at input-to-output differential
voltages down to 1V.
Most regulator circuit designs include
output capacitors with values in the range
of tens to hundreds of microfarads or
more.
The LX8117/17A/17B typically
requires at least 10µF of output capaci-
tance for stable operation.
PNP-type regulators can waste current
equal to as much as 10 percent of their
output as a quiescent current which flows
directly to ground, bypassing the load.
Quiescent current from the LX8117/17A/
17B flows through the load, increasing
power-use efficiency and allowing cooler
operation.
The LX8117 is available in low-profile
plastic SOT-223 and D-Pak packages for
applications where space is at a premium.
The LX8117 is also available in a plastic
TO-263 package for instances when the
thermal resistance from the circuit die to
the environment must be minimized.
PRODUCT HIGHLIGHT
ACTIVE TERMINATOR FOR SCSI-2 BUS
0.8, 1 & 1.2A L OW DROPOUT POSITIVE REGULATORS
P RODUCTION D AT A S HEET
T HE
I NFINITE
P OWER
OF
I NNOV A TION
LX8117-xx/8117A-xx/8117B-xx
LIN D OC #: 8117
APPLICA TIONS
s Battery Chargers
s Active SCSI Terminators
s 5V To 3.3V Linear Regulators
s High-Efficiency Linear Regulators
s Post Regulators For Switching Supplies
P ACKAGE ORDER INFORMA TION
T
A (°C)
Plastic SOT-223
3-pin
ST
Plastic T0-263
3-pin
DD
0.8A
LX8117-xxCST
LX8117-xxCDD
LX8117-xxCDT
0 to 125
1.0A
LX8117A-xxCST
LX8117A-xxCDD
LX8117A-xxCDT
1.2A
LX8117B-xxCST
LX8117B-xxCDD
LX8117B-xxCDT
LX8117/8117A/8117B-00
Adjustable
LX8117/8117A/8117B-25
2.5V
LX8117/8117A/8117B-28
2.85V
LX8117/8117A/8117B-33
3.3V
LX8117/8117A/8117B-05
5V
Part #
Output
Voltage
AVAILABLE OPTIONS PER PART #
110
110
110
110
22µF
GND
OUT
IN
LX8117-28
10µF
18 to 27
Lines
4.75V to
5.25V
Plastic T0-252
(D-Pak) 3-pin
DT
Copyright © 1999
Rev. 1.4
3/99
1
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841, 714-898-8121, FAX: 714-893-2570
L IN F INITY M ICROELECTRONICS I NC .
NOTE: For current data & package dimensions, visit our web site: http://www.linfinity.com.
O/P
Current


Similar Part No. - LX8117-33

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8117-XX MICROSEMI-LX8117-XX Datasheet
375Kb / 11P
   0.8 , 1 & 1 .2A LOW DROPOUT POSI T I V E REGULATORS
LX8117-XXCDD MICROSEMI-LX8117-XXCDD Datasheet
375Kb / 11P
   0.8 , 1 & 1 .2A LOW DROPOUT POSI T I V E REGULATORS
LX8117-XXCDT MICROSEMI-LX8117-XXCDT Datasheet
375Kb / 11P
   0.8 , 1 & 1 .2A LOW DROPOUT POSI T I V E REGULATORS
LX8117-XXCST MICROSEMI-LX8117-XXCST Datasheet
375Kb / 11P
   0.8 , 1 & 1 .2A LOW DROPOUT POSI T I V E REGULATORS
LX8117-XX MICROSEMI-LX8117-XX_05 Datasheet
375Kb / 11P
   0.8 , 1 & 1 .2A LOW DROPOUT POSI T I V E REGULATORS
More results

Similar Description - LX8117-33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX1117 ETC-AX1117 Datasheet
208Kb / 7P
   1.2A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117 HSMC-H1117 Datasheet
162Kb / 8P
   1.2A Low Dropout Positive Voltage Regulator
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8585-XX MICROSEMI-LX8585-XX_05 Datasheet
276Kb / 10P
   4.6A Low Dropout Positive Regulators
LX8384-XX MICROSEMI-LX8384-XX Datasheet
216Kb / 8P
   5A LOW DROPOUT POSITIVE REGULATORS
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
LX8586 MICROSEMI-LX8586 Datasheet
266Kb / 9P
   6A Low Dropout Positive Regulators
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
   5A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8582A-XX MICROSEMI-LX8582A-XX Datasheet
199Kb / 7P
   8.5A LOW DROPOUT POSITIVE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com