Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CVCO55BE-1650-2050 Datasheet(PDF) 1 Page - Crystek Corporation

Part # CVCO55BE-1650-2050
Description  Voltage Controlled Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CVCO55BE-1650-2050 Datasheet(HTML) 1 Page - Crystek Corporation

  CVCO55BE-1650-2050_15 Datasheet HTML 1Page - Crystek Corporation CVCO55BE-1650-2050_15 Datasheet HTML 2Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MIN
TYP
UNITS
MAX
PERFORMANCE SPECIFICATION
MHz pk-pk
Lower Frequency:
Upper Frequency:
Tuning Voltage:
Supply Voltage:
Output Power:
Supply Current:
Harmonic Suppression (2
nd Harmonic):
Pushing:
Pulling, all Phases:
Tuning Sensitivity:
Input Capacitance:
Storage Temperature Range:
Operating Temperature Range:
Load Impedance:
Phase Noise @ 10kHz offset:
MHz
MHz
VDC
VDC
dBm
mA
dBc
MHz/V
MHz/V
dBc/Hz
pF
°C
°C
1650
2050
20.0
0
7.6
8.0
8.4
-4.0
25
-15
25
-105
50
47
-40
-45
+85
+90
-2.0
-6.0
1.0
0.5
Phase Noise @ 100kHz offset:
-128
dBc/Hz
-124
15
-10
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
MICROWAVE
A Division of Crystek Corporation
-100
Page 1 of 2
Phase Noise (1 Hz BW, Typical)
Tuning Curve (Typical)


Similar Part No. - CVCO55BE-1650-2050_15

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CVCO55BE-1650-2050 CRYSTEKMICROWAVE-CVCO55BE-1650-2050 Datasheet
204Kb / 2P
   VCO (voltage controlled oscillator)
More results

Similar Description - CVCO55BE-1650-2050_15

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com