Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8117-00CST Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX8117-00CST
Description  0.8, 1 & 1.2A LOW DROPOUT POSITIVE REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8117-00CST Datasheet(HTML) 3 Page - Microsemi Corporation

  LX8117-00CST Datasheet HTML 1Page - Microsemi Corporation LX8117-00CST Datasheet HTML 2Page - Microsemi Corporation LX8117-00CST Datasheet HTML 3Page - Microsemi Corporation LX8117-00CST Datasheet HTML 4Page - Microsemi Corporation LX8117-00CST Datasheet HTML 5Page - Microsemi Corporation LX8117-00CST Datasheet HTML 6Page - Microsemi Corporation LX8117-00CST Datasheet HTML 7Page - Microsemi Corporation LX8117-00CST Datasheet HTML 8Page - Microsemi Corporation LX8117-00CST Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
0.8, 1 & 1.2A L OW DROPOUT POSITIVE REGULATORS
LX8117-xx/8117A-xx/8117B-xx
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1999
Rev. 1.4
3/99
P RODUCTION D AT A S HEET
Input Voltage
Operating Voltage
LX8117(A/B)-00 / 8117(A/B)-05
LX8117(A/B)-25 / -28 / -33
Input-Output Differential
LX8117(A/B)-00
Operating Ambient Temperature Range
RECOMMENDED OPERATING CONDITIONS
(Note 2)
Parameter
Symbol
Units
Recommended Operating Conditions
Min.
Typ.
Max.
15
V
12
V
10
V
0
125
°C
Note 2. Range over which the device is functional.
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified: 0°C
≤ T
J
125°C, I
MAX
= 0.8A for the LX8117-xx, I
MAX
= 1.0A for the LX8117A-xx, and I
MAX
= 1.2A for the LX8117B-xx.)
Notes: 3. See thermal regulation specification for changes in output voltage due to heating effects. Load regulation and line regulation are measured at a constant junction
temperature by low duty cycle pulse testing.
4. Dropout voltage is specified over the full output current range of the device. Dropout voltage is defined as the minimum input/output differential measured
at the specified output current. Test points and limits are also shown on the Dropout Voltage Curve.
5. Minimum load current is defined as the minimum output current required to maintain regulation.
Parameter
Symbol
Test Conditions
Units
LX8117 / 17A / 17B-00
Min.
Typ.
Max.
Reference Voltage
V
REF
I
OUT = 10mA, (VIN - VOUT) = 2V, TJ = 25°C
10mA
≤ I
OUT ≤ IOUT (MAX), 1.4V ≤ (VIN - VOUT ) ≤ 10V
Line Regulation (Note 3)
∆V
REF(VIN)
I
OUT = 10mA , 1.5V ≤ (VIN - VOUT ) ≤
7V
Load Regulation (Note 3)
∆V
REF (IOUT)
(V
IN - VOUT) = 3V, 10mA ≤ IOUT ≤ IOUT (MAX)
Dropout Voltage
∆VI
OUT = 100mA
(Note 4)
I
OUT = 500mA
LX8117-00
I
OUT = IOUT (MAX)
LX8117A/B-00
I
OUT = IOUT (MAX)
Current Limit
LX8117-00
I
OUT (MAX)
(V
IN - VOUT) = 5V, TJ = 25°C
LX8117A-00
(V
IN - VOUT) = 5V, TJ = 25°C
LX8117B-00
(V
IN - VOUT) = 5V, TJ = 25°C
Minimum Load Current (Note 5)
I
OUT (MIN)
V
IN ≤ 10V
Thermal Regulation
∆V
OUT(Pwr)
T
A = 25°C, 30ms pulse
Ripple Rejection
f
RIPPLE =120Hz, (VIN - V OUT) = 3V, VRIPPLE = 1Vp-p
Adjust Pin Current
I
ADJ
Adjust Pin Current Change
∆I
ADJ
10mA
≤ I
OUT ≤ IOUT (MAX) , 1.4V ≤ (VIN - VOUT) ≤ 10V
Temperature Stability
∆V
OUT (T)
Long Term Stability
∆V
OUT (t)
T
A = 125°C, 1000 hours
RMS Output Noise (% of V
OUT)VOUT (RMS)
10Hz
≤ f ≤ 10kHz
1.238
1.250
1.262
V
1.225
1.250
1.270
V
0.05
0.2
%
0.15
0.4
%
0.97
1.10
V
1.00
1.15
V
1.05
1.20
V
1.15
1.30
V
800
950
mA
1000
1200
mA
1200
1500
mA
0.5
5
mA
0.08
0.2
%/W
60
75
dB
45
100
µA
0.2
5
µA
0.5
%
0.3
%
0.003
%
LX8117-00 / 8117A-00 / 8117B-00 (Adjustable)
(Other Voltage Options on following pages.)


Similar Part No. - LX8117-00CST

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8117-XX MICROSEMI-LX8117-XX Datasheet
375Kb / 11P
   0.8 , 1 & 1 .2A LOW DROPOUT POSI T I V E REGULATORS
LX8117-XXCDD MICROSEMI-LX8117-XXCDD Datasheet
375Kb / 11P
   0.8 , 1 & 1 .2A LOW DROPOUT POSI T I V E REGULATORS
LX8117-XXCDT MICROSEMI-LX8117-XXCDT Datasheet
375Kb / 11P
   0.8 , 1 & 1 .2A LOW DROPOUT POSI T I V E REGULATORS
LX8117-XXCST MICROSEMI-LX8117-XXCST Datasheet
375Kb / 11P
   0.8 , 1 & 1 .2A LOW DROPOUT POSI T I V E REGULATORS
LX8117-XX MICROSEMI-LX8117-XX_05 Datasheet
375Kb / 11P
   0.8 , 1 & 1 .2A LOW DROPOUT POSI T I V E REGULATORS
More results

Similar Description - LX8117-00CST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX1117 ETC-AX1117 Datasheet
208Kb / 7P
   1.2A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117 HSMC-H1117 Datasheet
162Kb / 8P
   1.2A Low Dropout Positive Voltage Regulator
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8585-XX MICROSEMI-LX8585-XX_05 Datasheet
276Kb / 10P
   4.6A Low Dropout Positive Regulators
LX8384-XX MICROSEMI-LX8384-XX Datasheet
216Kb / 8P
   5A LOW DROPOUT POSITIVE REGULATORS
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
LX8586 MICROSEMI-LX8586 Datasheet
266Kb / 9P
   6A Low Dropout Positive Regulators
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
   5A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8582A-XX MICROSEMI-LX8582A-XX Datasheet
199Kb / 7P
   8.5A LOW DROPOUT POSITIVE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com