Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8630-33CP Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX8630-33CP
Description  3A BiCMOS Very Low Dropout Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8630-33CP Datasheet(HTML) 2 Page - Microsemi Corporation

  LX8630-33CP Datasheet HTML 1Page - Microsemi Corporation LX8630-33CP Datasheet HTML 2Page - Microsemi Corporation LX8630-33CP Datasheet HTML 3Page - Microsemi Corporation LX8630-33CP Datasheet HTML 4Page - Microsemi Corporation LX8630-33CP Datasheet HTML 5Page - Microsemi Corporation LX8630-33CP Datasheet HTML 6Page - Microsemi Corporation LX8630-33CP Datasheet HTML 7Page - Microsemi Corporation LX8630-33CP Datasheet HTML 8Page - Microsemi Corporation LX8630-33CP Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2000
Rev. 1.0a,2000-11-28
LX8630-xx
3A BiCMOS Very Low Dropout Regulators
PRODUCTION DATA SHEET
A
M I CROS E M I
COM P A N Y

  
   

 
 
P
PLASTIC TO-220 3-PIN
THERMAL RESISTANCE
-JUNCTION TO TAB ,
θ
JT
2.1
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
60
°C/W
P
PLASTIC TO-220 5-PIN
THERMAL RESISTANCE
-JUNCTION TO TAB,
θ
JT
2.1
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
60
°C/W
DD
PLASTIC TO-263 3-PIN
THERMAL RESISTANCE
-JUNCTION TO TAB,
θ
JT
2.1
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
60
°C/W
DD
PLASTIC TO-263 5-PIN
THERMAL RESISTANCE
-JUNCTION TO TAB,
θ
JT
2.1
°C/W
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
60
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no ambient airflow.
θ
JA can be improved with package soldered to 0.5IN
2 copper area over backside
ground plane or internal power plane
.
θ
JA can vary from 20°C/W to > 40°C/W
depending on mounting technique. See table below for thermal resistance
guidelines:
Copper Area
(Topside)*
Copper Area
(Backside)*
Board Area
Thermal
Resistance
(
θ
JA)
2.5 sq” (1613mm
2)
2.5 sq” (1613mm
2)
2.5 sq” (1613mm
2)
25°C/W
1.0 sq” (645 mm
2)
2.5 sq” (1613mm
2)
2.5 sq” (1613mm
2)
27°C/W
0.17 sq” (110 mm
2)
2.5 sq” (1613mm
2)
2.5 sq” (1613mm
2)
35°C/W
*Tab of device attached to topside copper
   
   
DD PACKAGE (3-PIN)
(Top View)
1
V
IN
GND
V
OUT
2
3
TAB is GND
DD PACKAGE (5-PIN)
(T op V iew)
1
V
IN
GN D
V
OU T
2
3
T AB is G N D
4
5
ADJ
SHDN
P PACK AG E (5-PIN )
(Top V iew)
1
2
3
TA B is G N D
4
5
GN D
V
OU T
AD J
S HDN
V
IN
P PACKAGE (3-PIN)
(Top View)
1
2
3
TAB is GND
GND
V
OUT
V
IN
Input Voltage (VIN) ......................................................................................................6.5V
SHDN Pin..............................................................................................-0.3V to VIN +0.3V
Operating Junction Temperature
Plastic (P & DD Packages) ................................................................................... 150
°C
Storage Temperature Range ........................................................................-65
°C to 150°C
Lead Temperature (Soldering, 10 seconds) ............................................................... 300
°C
Note:
Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal.


Similar Part No. - LX8630-33CP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8610-00CDM MICROSEMI-LX8610-00CDM Datasheet
90Kb / 6P
   1A BiCMOS Very Low Dropout Regulators
LX8610-25CDM MICROSEMI-LX8610-25CDM Datasheet
90Kb / 6P
   1A BiCMOS Very Low Dropout Regulators
LX8610-25CST MICROSEMI-LX8610-25CST Datasheet
90Kb / 6P
   1A BiCMOS Very Low Dropout Regulators
LX8610-33CDM MICROSEMI-LX8610-33CDM Datasheet
90Kb / 6P
   1A BiCMOS Very Low Dropout Regulators
LX8610-33CST MICROSEMI-LX8610-33CST Datasheet
90Kb / 6P
   1A BiCMOS Very Low Dropout Regulators
More results

Similar Description - LX8630-33CP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8610-XX MICROSEMI-LX8610-XX Datasheet
90Kb / 6P
   1A BiCMOS Very Low Dropout Regulators
logo
Advanced Monolithic Sys...
AMS1503 ADMOS-AMS1503 Datasheet
76Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATORS
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Linear Technology
LT1581 LINER-LT1581_15 Datasheet
241Kb / 12P
   10A, Very Low Dropout Regulators
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
logo
Advanced Monolithic Sys...
AMS1503 ADMOS-AMS1503_05 Datasheet
178Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATORS
logo
Microsemi Corporation
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com