Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8584-00CP Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX8584-00CP
Description  7 A LOW DROPOUT POSITIVE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8584-00CP Datasheet(HTML) 5 Page - Microsemi Corporation

  LX8584-00CP Datasheet HTML 1Page - Microsemi Corporation LX8584-00CP Datasheet HTML 2Page - Microsemi Corporation LX8584-00CP Datasheet HTML 3Page - Microsemi Corporation LX8584-00CP Datasheet HTML 4Page - Microsemi Corporation LX8584-00CP Datasheet HTML 5Page - Microsemi Corporation LX8584-00CP Datasheet HTML 6Page - Microsemi Corporation LX8584-00CP Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
7A L OW D ROPOUT P OSITIVE R EGULA TORS
LX8584-xx/8584A-xx/8584B-xx
PRODUCT DA T ABOOK 1996/1997
5
Copyright © 1997
Rev. 1.2
4/97
P RODUCTION D AT A S HEET
APPLICA TION NOTES
FIGURE 2 — BASIC ADJUSTABLE REGULATOR
R2+R1
R1


LX8584/84A/84B
OUT
IN
ADJ
V
OUT
V
IN
R1
R2
V
REF
I
ADJ
50µA
V
OUT = VREF
1 +
+ I
ADJ R2
R2
R1
OVERLOAD RECOVERY (continued)
If this limited current is not sufficient to develop the designed
voltage across the output resistor, the voltage will stabilize at some
lower value, and will never reach the designed value. Under these
circumstances, it may be necessary to cycle the input voltage down
to zero in order to make the regulator output voltage return to
regulation.
RIPPLE REJECTION
Ripple rejection can be improved by connecting a capacitor
between the ADJ pin and ground. The value of the capacitor should
be chosen so that the impedance of the capacitor is equal in
magnitude to the resistance of R1 at the ripple frequency. The
capacitor value can be determined by using this equation:
C = 1 / (6.28 * F
R * R1)
where: C
≡ the value of the capacitor in Farads;
select an equal or larger standard value.
F
R
≡ the ripple frequency in Hz
R1
≡ the value of resistor R1 in ohms
At a ripple frequency of 120Hz, with R1 = 100
Ω:
C = 1 / (6.28 * 120Hz * 100Ω) = 13.3µF
The closest equal or larger standard value should be used, in this
case, 15µF.
When an ADJ pin bypass capacitor is used, output ripple
amplitude will be essentially independent of the output voltage. If
an ADJ pin bypass capacitor is not used, output ripple will be
proportional to the ratio of the output voltage to the reference
voltage:
M = V
OUT/VREF
where: M
≡ a multiplier for the ripple seen when the
ADJ pin is optimally bypassed.
V
REF = 1.25V.
For example, if V
OUT = 2.5V the output ripple will be:
M = 2.5V/1.25V= 2
Output ripple will be twice as bad as it would be if the ADJ pin
were to be bypassed to ground with a properly selected capacitor.
OUTPUT VOLTAGE
The LX8584/84A/84B ICs develop a 1.25V reference voltage between
the output and the adjust terminal (See Figure 2). By placing a resistor,
R1, between these two terminals, a constant current is caused to flow
through R1 and down through R2 to set the overall output voltage.
Normally this current is the specified minimum load current of 10mA.
Because I
ADJ is very small and constant when compared with the current
through R1, it represents a small error and can usually be ignored.
LOAD REGULATION
Because the LX8584/84A/84B regulators are three-terminal devices,
it is not possible to provide true remote load sensing.
Load
regulation will be limited by the resistance of the wire connecting
the regulator to the load. The data sheet specification for load
regulation is measured at the bottom of the package. Negative side
sensing is a true Kelvin connection, with the bottom of the output
divider returned to the negative side of the load. Although it may
not be immediately obvious, best load regulation is obtained when
the top of the resistor divider, (R1), is connected directly to the case
of the regulator, not to the load. This is illustrated in Figure 3. If R1
were connected to the load, the effective resistance between the
regulator and the load would be:
R
Peff = RP *
where: R
P Actual parasitic line resistance.
When the circuit is connected as shown in Figure 3, the parasitic
resistance appears as its actual value, rather than the higher R
Peff.
LX8584/84A/84B
OUT
IN
ADJ
V
IN
R1
R2
R
L
R
P
Parasitic
Line Resistance
Connect
R1 to Case
of Regulator
Connect
R2
to Load
FIGURE 3 — CONNECTIONS FOR BEST LOAD REGULATION


Similar Part No. - LX8584-00CP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8584-14CP MICROSEMI-LX8584-14CP Datasheet
271Kb / 9P
   7A Low Dropout Positive Regualtors
More results

Similar Description - LX8584-00CP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8415-XX MICROSEMI-LX8415-XX Datasheet
191Kb / 7P
   0.5 A LOW DROPOUT POSITIVE REGULATORS
LX8383-XX MICROSEMI-LX8383-XX Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8385-XX MICROSEMI-LX8385-XX Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1085 TI1-LM1085_16 Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
LM1084 TI-LM1084_15 Datasheet
2Mb / 29P
[Old version datasheet]   LM1084 5-A Low Dropout Positive Regulators
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8585-XX MICROSEMI-LX8585-XX_05 Datasheet
276Kb / 10P
   4.6A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com