Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301490069 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301490069
Description  Safeway Single Heavy Duty Corrosion-Resistant, Spec - Grade Receptacle, 2 Pole/3 Wire, NEMA L6-20, 250V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301490069 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301490069 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301490069
Status:
Active
Overview:
Heavy-Duty Industrial Wiring Devices
Description:
Safeway® Single Heavy Duty Corrosion-Resistant, Spec - Grade Receptacle, 2 Pole/3
Wire, NEMA L6-20, 250V
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
General
Product Family
Wiring Devices
Series
130149
IP Rating
N/A
NEMA Configuration
NEMA L6-20
Overview
Heavy-Duty Industrial Wiring Devices
Product Literature Order No
987650-8068
Product Name
Safeway®
Receptacle Type
Single
Specialty
N/A
Type
Receptacle
UPC
78678873748
Woodhead
Yes
Physical
Cord Grip Body Size
N/A
Flange
No
Flip Lid
No
Gender
Female
Length
N/A
Locking Blade
Yes
Poles
2-pole/3-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
20.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
250V
Material Info
Old Part Number
4748CR
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130149 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301490069

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301490061 MOLEX11-1301490061 Datasheet
34Kb / 1P
   Safeway Flanged Receptacle with Locking Blade, 3 Pole/4 Wire, NEMA L16-30, 3 480V
1301490063 MOLEX11-1301490063 Datasheet
40Kb / 1P
   Safeway Connector with Locking Blade, 4 Pole/5 Wire, NEMA L21-30, 3 208V
1301490066 MOLEX11-1301490066 Datasheet
32Kb / 1P
   Safeway Single Receptacle, Heavy Duty Spec Grade with Locking Blade, 2 Pole/Wire, NEMA L5-20, 125V
1301490067 MOLEX11-1301490067 Datasheet
32Kb / 1P
   Safeway Single Heavy Duty Corrosion-Resistant, Spec - Grade Receptacle with Locking Blade
1301490068 MOLEX11-1301490068 Datasheet
32Kb / 1P
   Safeway Single Receptacle, Heavy Duty Spec Grade, 2 Pole/3 Wire, NEMA L6-20,250V
More results

Similar Description - 1301490069

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130148-0112 MOLEX11-130148-0112 Datasheet
45Kb / 1P
   Safeway Heavy Duplex Duty Corrosion-Resistant Receptacle, 2 Pole/3 Wire, NEMA L6-15, 250V
130149-0069 MOLEX11-130149-0069 Datasheet
40Kb / 1P
   Safeway Single Heavy Duty Corrosion-Resistant, Spec - Grade Receptacle
1301490068 MOLEX11-1301490068 Datasheet
32Kb / 1P
   Safeway Single Receptacle, Heavy Duty Spec Grade, 2 Pole/3 Wire, NEMA L6-20,250V
1301480112 MOLEX11-1301480112 Datasheet
37Kb / 1P
   Safeway Heavy Duplex Duty Corrosion-Resistant Receptacle, 2 Pole/3 Wire, NEMA
1301480100 MOLEX11-1301480100 Datasheet
31Kb / 1P
   Safeway Duplex Heavy Duty Grade Corrosion-Resistant Receptacle, 2 Pole/3 Wire,
130149-0089 MOLEX11-130149-0089 Datasheet
58Kb / 1P
   Safeway Single Heavy Duty Spec - Grade Receptacle, 2 Pole/3 Wire, NEMA 5-20
130149-0087 MOLEX11-130149-0087 Datasheet
38Kb / 1P
   Safeway Single Heavy - Duty Spec - Grade Receptacle, 2 Pole/3 Wire
130148-0111 MOLEX11-130148-0111 Datasheet
45Kb / 1P
   Safeway Heavy Duty Duplex Receptacle, 2 Pole/3 Wire, NEMA L6-15, 250V
130149-0068 MOLEX11-130149-0068 Datasheet
40Kb / 1P
   Safeway Single Receptacle, Heavy Duty Spec Grade, 2 Pole/3 Wire,
130149-0070 MOLEX11-130149-0070 Datasheet
42Kb / 1P
   Safeway Single Receptacle, Heavy Duty Spec Grade, 2 Pole/3 Wire
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com