Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8585-00CDD Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX8585-00CDD
Description  4.6A LOW DROPOUT POSITIVE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8585-00CDD Datasheet(HTML) 4 Page - Microsemi Corporation

  LX8585-00CDD Datasheet HTML 1Page - Microsemi Corporation LX8585-00CDD Datasheet HTML 2Page - Microsemi Corporation LX8585-00CDD Datasheet HTML 3Page - Microsemi Corporation LX8585-00CDD Datasheet HTML 4Page - Microsemi Corporation LX8585-00CDD Datasheet HTML 5Page - Microsemi Corporation LX8585-00CDD Datasheet HTML 6Page - Microsemi Corporation LX8585-00CDD Datasheet HTML 7Page - Microsemi Corporation LX8585-00CDD Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4.6A L OW D ROPOUT P OSITIVE R EGULA TORS
LX8585-xx/8585A-xx
PRODUCT DA T ABOOK 1996/1997
Copyright © 1997
Rev. 2.2
12/97
4
P RODUCTION D ATA S HEET
ELECTRICAL CHARACTERISTICS
(Continued)
Parameter
Symbol
Test Conditions
Units
LX8585/85A-33
Min.
Typ.
Max.
Output Voltage (Note 4)
V
OUT
V
IN = 5V, IOUT = 0mA, TA = 25°C
4.75V
≤ V
IN
10V, 0mA
≤ I
OUT ≤ 7A, TA = 25°C, P ≤ PMAX
Line Regulation (Note 2)
∆V
OUT
4.75V
≤ V
IN ≤ 7V
(V
IN )
4.75V
≤ V
IN ≤ 10V
Load Regulation (Note 2)
∆V
OUT (IOUT)
V
IN = 5V, 10mA ≤ IOUT ≤ IOUT (MAX)
Thermal Regulation (Note 3)
∆V
OUT(Pwr)
T
A = 25°C, 20ms pulse
Ripple Rejection (Note 3)
C
OUT = 100µF (Tantalum), IOUT = 4.6A, TA = 25°C
Quiescent Current
I
Q
0mA
≤ I
OUT ≤ IOUT (MAX) , 4.75V ≤ VIN ≤ 10V
Dropout Voltage
LX8585-33
∆V
∆V
OUT = 1%, IOUT ≤ IOUT (MAX) , V IN - VOUT ≤ 7V
∆V
OUT = 1%, IOUT ≤ 3A, VIN - VOUT ≤ 7V
LX8585A-33
∆V
OUT = 1%, IOUT ≤ IOUT (MAX) , V IN - VOUT ≤ 7V
Temperature Stability (Note 3)
∆V
OUT (T)
Long Term Stability (Note 3)
∆V
OUT (t)
T
A = 125°C, 1000 hours
RMS Output Noise (% of V
OUT) (Note 3)
V
OUT (RMS)
T
A = 25°C, 10Hz ≤ f ≤ 10kHz
3.267
3.3
3.333
V
3.235
3.3
3.365
V
16
mV
210
mV
515
mV
0.01
0.02
% / W
65
83
dB
410
mA
1.2
1.4
V
1.1
1.3
V
1.1
1.2
V
0.25
%
0.3
1
%
0.003
%
LX8585-33 / 8585A-33 (3.3V Fixed)


Similar Part No. - LX8585-00CDD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8585-XX MICROSEMI-LX8585-XX Datasheet
276Kb / 10P
   4.6A Low Dropout Positive Regulators
LX8585-XX MICROSEMI-LX8585-XX_05 Datasheet
276Kb / 10P
   4.6A Low Dropout Positive Regulators
More results

Similar Description - LX8585-00CDD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8585-XX MICROSEMI-LX8585-XX_05 Datasheet
276Kb / 10P
   4.6A Low Dropout Positive Regulators
logo
Linear Technology
LT1584 LINER-LT1584_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584 Datasheet
276Kb / 12P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
TelCom Semiconductor, I...
TCL1584 TELCOM-TCL1584 Datasheet
144Kb / 13P
   7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
logo
Linear Technology
LT1584CT-33 LINER-LT1584CT-33 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584_1 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
T1587 LINER-T1587_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585 LINER-LT1585_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-XX MICROSEMI-LX8384-XX Datasheet
216Kb / 8P
   5A LOW DROPOUT POSITIVE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com