Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V12P15 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # V12P15
Description  High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V12P15 Datasheet(HTML) 2 Page - Vishay Siliconix

  V12P15_15 Datasheet HTML 1Page - Vishay Siliconix V12P15_15 Datasheet HTML 2Page - Vishay Siliconix V12P15_15 Datasheet HTML 3Page - Vishay Siliconix V12P15_15 Datasheet HTML 4Page - Vishay Siliconix V12P15_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
V12P15
www.vishay.com
Vishay General Semiconductor
Revision: 03-Jul-15
2
Document Number: 87622
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
Notes
(1) Free air, mounted on recommended copper pad area; thermal resistance RθJA - junction to ambient
(2) Mounted on 30 mm x 30 mm pad areas aluminum PCB, thermal resistance RθJM - junction to mount
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 6 A
TA = 25 °C
VF (1)
0.75
-
V
IF = 12 A
1.00
1.08
IF = 6 A
TA = 125 °C
0.60
-
IF = 12 A
0.66
0.72
Reverse current
VR = 100 V
TA = 25 °C
IR (2)
0.02
-
mA
TA = 125 °C
2.5
-
VR = 150 V
TA = 25 °C
-
0.25
TA = 125 °C
5
16
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
V12P15
UNIT
Typical thermal resistance
RθJA
(1)
75
°C/W
RθJM
(2)
4
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
V12P15-M3/H
0.10
H
1500
7" diameter plastic tape and reel
V12P15-M3/I
0.10
I
6500
13" diameter plastic tape and reel
V12P15HM3/H (1)
0.10
H
1500
7" diameter plastic tape and reel
V12P15HM3/I (1)
0.10
I
6500
13" diameter plastic tape and reel


Similar Part No. - V12P15_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V12P15 VISHAY-V12P15_V01 Datasheet
106Kb / 5P
   High Current Density Surface Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
More results

Similar Description - V12P15_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V8P10 VISHAY-V8P10 Datasheet
90Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 26-Jun-07
V15P45 VISHAY-V15P45 Datasheet
91Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 19-Apr-11
V10P12-M386A VISHAY-V10P12-M386A Datasheet
109Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 25-Jul-12
V20PW12C VISHAY-V20PW12C Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW45C VISHAY-V20PW45C Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW10 VISHAY-V20PW10 Datasheet
120Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW10C VISHAY-V20PW10C Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW12 VISHAY-V20PW12 Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V10P20 VISHAY-V10P20_15 Datasheet
82Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 15-Aug-13
V10P45-M3 VISHAY-V10P45-M3_15 Datasheet
84Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 06-May-15
V10PN50-M3 VISHAY-V10PN50-M3_15 Datasheet
85Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com