Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8584B-33CV Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX8584B-33CV
Description  7 A LOW DROPOUT POSITIVE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8584B-33CV Datasheet(HTML) 7 Page - Microsemi Corporation

  LX8584B-33CV Datasheet HTML 1Page - Microsemi Corporation LX8584B-33CV Datasheet HTML 2Page - Microsemi Corporation LX8584B-33CV Datasheet HTML 3Page - Microsemi Corporation LX8584B-33CV Datasheet HTML 4Page - Microsemi Corporation LX8584B-33CV Datasheet HTML 5Page - Microsemi Corporation LX8584B-33CV Datasheet HTML 6Page - Microsemi Corporation LX8584B-33CV Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7A L OW D ROPOUT P OSITIVE R EGULA TORS
LX8584-xx/8584A-xx/8584B-xx
PRODUCT DA T ABOOK 1996/1997
7
Copyright © 1997
Rev. 1.2
4/97
P RODUCTION D AT A S HEET
TYPICAL APPLICA TIONS
LX8584/84A/84B
OUT
IN
ADJ
150µF
V
IN
R2
365
W
1%
10µF
R1
121
W
1%
C1
10µF*
* C1 improves ripple rejection.
X
C should be »
R1 at ripple
frequency.
V
OUT
5V
(Note A)
FIGURE 5 — 1.2V - 8V ADJUSTABLE REGULATOR
FIGURE 4 — IMPROVING RIPPLE REJECTION
LX8584/84A/84B
OUT
IN
ADJ
V
OUT**
V
IN
R1
121
W
R2
1k
C1*
10µF
* Needed if device is far from filter capacitors.
** V
OUT = 1.25V
1 +
C2
100µF
R2
R1
(Note A)
FIGURE 6 — 5V REGULATOR WITH SHUTDOWN
(Note A)
LX8584/84A/84B
OUT
IN
ADJ
5V
V
IN
121
W
1%
10µF
100µF
365
W
1%
1k
1k
2N3904
TTL
Output
Note A:
V
IN (MIN) = (Intended VOUT) + (VDROPOUT (MAX))
FIGURE 7 — FIXED 3.3V OUTPUT REGULATOR
3.3V
V
IN
10µF Tantalum
or 100µF Aluminum
Min. 15µF Tantalum or
100µF Aluminum capacitor.
May be increased without
limit. ESR must be less
than 50m
W .
LX8584/84A/84B-33
OUT
IN
GND
Pentium is a registered trademark of Intel Corporation.
Power PC is a trademark of International Business Machines Corporation..


Similar Part No. - LX8584B-33CV

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8584B-14CP MICROSEMI-LX8584B-14CP Datasheet
271Kb / 9P
   7A Low Dropout Positive Regualtors
More results

Similar Description - LX8584B-33CV

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8415-XX MICROSEMI-LX8415-XX Datasheet
191Kb / 7P
   0.5 A LOW DROPOUT POSITIVE REGULATORS
LX8383-XX MICROSEMI-LX8383-XX Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8385-XX MICROSEMI-LX8385-XX Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1085 TI1-LM1085_16 Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
LM1084 TI-LM1084_15 Datasheet
2Mb / 29P
[Old version datasheet]   LM1084 5-A Low Dropout Positive Regulators
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8585-XX MICROSEMI-LX8585-XX_05 Datasheet
276Kb / 10P
   4.6A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com