Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8585-15CDD Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX8585-15CDD
Description  4.6A LOW DROPOUT POSITIVE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8585-15CDD Datasheet(HTML) 8 Page - Microsemi Corporation

  LX8585-15CDD Datasheet HTML 1Page - Microsemi Corporation LX8585-15CDD Datasheet HTML 2Page - Microsemi Corporation LX8585-15CDD Datasheet HTML 3Page - Microsemi Corporation LX8585-15CDD Datasheet HTML 4Page - Microsemi Corporation LX8585-15CDD Datasheet HTML 5Page - Microsemi Corporation LX8585-15CDD Datasheet HTML 6Page - Microsemi Corporation LX8585-15CDD Datasheet HTML 7Page - Microsemi Corporation LX8585-15CDD Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
4.6A L OW D ROPOUT P OSITIVE R EGULA TORS
LX8585-xx/8585A-xx
PRODUCT DA T ABOOK 1996/1997
Copyright © 1997
Rev. 2.2
12/97
8
P RODUCTION D ATA S HEET
TYPICAL APPLICA TIONS
LX8585/85A
OUT
IN
ADJ
150µF
V
IN
R2
365
W
1%
10µF
R1
121
W
1%
C1
10µF*
* C1 improves ripple rejection.
X
C should be »
R1 at ripple
frequency.
V
OUT
5V
(Note A)
FIGURE 5 — 1.2V - 8V ADJUSTABLE REGULATOR
FIGURE 4 — IMPROVING RIPPLE REJECTION
LX8585/85A
OUT
IN
ADJ
V
OUT**
V
IN
R1
121
W
R2
1k
C1*
10µF
* Needed if device is far from filter capacitors.
** V
OUT = 1.25V
1 +
C2
100µF
R2
R1
(Note A)
FIGURE 6 — 5V REGULATOR WITH SHUTDOWN
(Note A)
LX8585/85A
OUT
IN
ADJ
5V
V
IN
121
W
1%
10µF
100µF
365
W
1%
1k
1k
2N3904
TTL
Output
Note A:
V
IN (MIN) = (Intended VOUT) + (VDROPOUT (MAX))
FIGURE 7 — FIXED 3.3V OUTPUT REGULATOR
3.3V
V
IN
10µF Tantalum
or 100µF Aluminum
Min. 15µF Tantalum or
100µF Aluminum capacitor.
May be increased without
limit. ESR must be less
than 50m
W .
LX8585-33/85A-33
OUT
IN
GND
Pentium is a registered trademark of Intel Corporation. Cyrix is a registered trademark and 6x86 is a trademark of Cyrix
Corporation. K5 is a trademark of AMD. Power PC is a trademark of International Business Machines Corporation.
PRODUCTION DATA - Information contained in this document is proprietary to Lin Finity, and is current as of publication date. This document
may not be modified in any way without the express written consent of LinFinity. Product processing does not necessarily include testing of
all parameters. Linfinity reserves the right to change the configuration and performance of the product and to discontinue product at any time.


Similar Part No. - LX8585-15CDD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8585-XX MICROSEMI-LX8585-XX Datasheet
276Kb / 10P
   4.6A Low Dropout Positive Regulators
LX8585-XX MICROSEMI-LX8585-XX_05 Datasheet
276Kb / 10P
   4.6A Low Dropout Positive Regulators
More results

Similar Description - LX8585-15CDD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8585-XX MICROSEMI-LX8585-XX_05 Datasheet
276Kb / 10P
   4.6A Low Dropout Positive Regulators
logo
Linear Technology
LT1584 LINER-LT1584_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584 Datasheet
276Kb / 12P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
TelCom Semiconductor, I...
TCL1584 TELCOM-TCL1584 Datasheet
144Kb / 13P
   7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
logo
Linear Technology
LT1584CT-33 LINER-LT1584CT-33 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584_1 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
T1587 LINER-T1587_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585 LINER-LT1585_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-XX MICROSEMI-LX8384-XX Datasheet
216Kb / 8P
   5A LOW DROPOUT POSITIVE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com