Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8587A-15CDD Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX8587A-15CDD
Description  3A LOW DROPOUT POSITIVE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8587A-15CDD Datasheet(HTML) 2 Page - Microsemi Corporation

  LX8587A-15CDD Datasheet HTML 1Page - Microsemi Corporation LX8587A-15CDD Datasheet HTML 2Page - Microsemi Corporation LX8587A-15CDD Datasheet HTML 3Page - Microsemi Corporation LX8587A-15CDD Datasheet HTML 4Page - Microsemi Corporation LX8587A-15CDD Datasheet HTML 5Page - Microsemi Corporation LX8587A-15CDD Datasheet HTML 6Page - Microsemi Corporation LX8587A-15CDD Datasheet HTML 7Page - Microsemi Corporation LX8587A-15CDD Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3A L OW D ROPOUT P OSITIVE R EGULATORS
LX8587-xx/8587A-xx
PRODUCT DA T ABOOK 1996/1997
Copyright © 1998
Rev. 1.2
3/98
2
P RODUCTION D ATA S HEET
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Power Dissipation ................................................................................ Internally Limited
Input Voltage ............................................................................................................... 10V
Input to Output Voltage Differential .......................................................................... 10V
Maximum Output Current ............................................................................................. 5A
Operating Junction Temperature
Plastic (P Package) ............................................................................................... 150°C
Storage Temperature Range ...................................................................... -65°C to 150°C
Lead Temperature (Soldering, 10 seconds) ............................................................ 300°C
PACKAGE PIN OUTS
P PACKAGE
(Top View)
* Pin 1 is GND for fixed voltage versions.
Note 1. Exceeding these ratings could cause damage to the device. All voltages are with
respect to Ground. Currents are positive into, negative out of the specified terminal.
V
IN
V
OUT
ADJ /
GND*
3
2
1
P PACKAGE:
THERMAL RESISTANCE-JUNCTION TO TAB,
θθθθθ
JT
3.0°C/W
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
60°C/W
DD PACKAGE:
THERMAL RESISTANCE-JUNCTION TO TAB,
θθθθθ
JT
3.0°C/W
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
60°C/W*
Junction Temperature Calculation: T
J
= T
A
+ (P
D
x
θ
JA
).
The
θ
JA
numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no ambient airflow.
* With package soldered to 0.5 in.2 copper area over back-side ground plane or internal
power plane,
θ
JA
can vary from 20°C/W to 40°C/W, depending on mounting technique.
THERMAL DATA
3
2
1
V
IN
ADJ / GND*
V
OUT
DD PACKAGE
(Top View)
* Pin 1 is GND for fixed voltage versions.
TAB IS V
OUT
TAB IS V
OUT


Similar Part No. - LX8587A-15CDD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8587A-XXCDD MICROSEMI-LX8587A-XXCDD Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
LX8587A-XXCDD MICROSEMI-LX8587A-XXCDD Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
LX8587A-XXCDD-TR MICROSEMI-LX8587A-XXCDD-TR Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
LX8587A-XXCDT MICROSEMI-LX8587A-XXCDT Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
LX8587A-XXCDT MICROSEMI-LX8587A-XXCDT Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
More results

Similar Description - LX8587A-15CDD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085IT-5.0 TI1-LM1085IT-5.0 Datasheet
2Mb / 22P
[Old version datasheet]   LM1085 3A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com