Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA376-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA376-Q1
Description  Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA376-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  OPA376-Q1_15 Datasheet HTML 1Page - Texas Instruments OPA376-Q1_15 Datasheet HTML 2Page - Texas Instruments OPA376-Q1_15 Datasheet HTML 3Page - Texas Instruments OPA376-Q1_15 Datasheet HTML 4Page - Texas Instruments OPA376-Q1_15 Datasheet HTML 5Page - Texas Instruments OPA376-Q1_15 Datasheet HTML 6Page - Texas Instruments OPA376-Q1_15 Datasheet HTML 7Page - Texas Instruments OPA376-Q1_15 Datasheet HTML 8Page - Texas Instruments OPA376-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
10
100
10
1
Frequency(Hz)
100k
100
1k
10k
INPUTVOLTAGENOISESPECTRALDENSITY
OffsetVoltage( V)
m
OFFSETVOLTAGEPRODUCTIONDISTRIBUTION
OPA376-Q1
OPA2376-Q1, OPA4376-Q1
www.ti.com
SBOS549
– APRIL 2011
Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim
™ Series
Check for Samples: OPA376-Q1, OPA2376-Q1, OPA4376-Q1
1
FEATURES
DESCRIPTION
The OPA376-Q1 family represent a new generation
23
Qualified for Automotive Applications
of
low-noise
operational
amplifiers
with
e-trim,
Low Noise: 7.5nV/
√Hz at 1kHz
offering outstanding dc precision and ac performance.
0.1Hz TO 10Hz Noise: 0.8
μVPP
Rail-to-rail output, low offset (25
μV max), low noise
(7.5nV/
√Hz), quiescent current of 950μA max, and a
Quiescent Current: 760
μV (typ)
5.5MHz bandwidth make this part very attractive for a
Low Offset Voltage: 5
μV (typ)
variety of precision and portable applications. In
Gain Bandwidth Product: 5.5MHz
addition, this device has a reasonably wide supply
range with excellent PSRR, making it attractive for
Rail-to-Rail Output
applications that run directly from batteries without
Single-Supply Operation
regulation.
Supply Voltage: 2.2V to 5.5V
The OPA376-Q1 (single version) is available in
Space-Saving Packages:
MicroSIZE SC70-5, SOT23-5, and SO-8 packages.
– SC-70, SOT23, MSOP, TSSOP
The OPA2376-Q1 (dual) is offered in the SO-8
package. The OPA4376-Q1 (quad) is offered in a
APPLICATIONS
TSSOP-14 package. All versions are specified for
operation from
–40°C to 125°C.
ADC Buffer
Audio Equipment
Medical Instrumentation
Handheld Test Equipment
Active Filtering
Sensor Signal Conditioning
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
e-trim is a trademark of Texas Instruments Incorporated.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA376-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA376-Q1 TI1-OPA376-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
More results

Similar Description - OPA376-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA376-Q1 TI1-OPA376-Q1 Datasheet
547Kb / 19P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376 TI-OPA376_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376-Q1_016 TI1-OPA376-Q1_016 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA2376AIYZDR TI-OPA2376AIYZDR Datasheet
1Mb / 30P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
logo
Burr-Brown (TI)
OPA376 BURR-BROWN-OPA376 Datasheet
786Kb / 23P
   Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Diodes Incorporated
AS2376Q DIODES-AS2376Q Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
AS2376 DIODES-AS2376 Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
September 2022 Rev. 1 - 2
logo
Texas Instruments
OPA376 TI1-OPA376 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA376-Q1 TI1-OPA376-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA377-Q1 TI1-OPA377-Q1 Datasheet
978Kb / 26P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com