Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8385 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX8385
Description  3 A LOW DROPOUT POSITIVE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8385 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX8385 Datasheet HTML 1Page - Microsemi Corporation LX8385 Datasheet HTML 2Page - Microsemi Corporation LX8385 Datasheet HTML 3Page - Microsemi Corporation LX8385 Datasheet HTML 4Page - Microsemi Corporation LX8385 Datasheet HTML 5Page - Microsemi Corporation LX8385 Datasheet HTML 6Page - Microsemi Corporation LX8385 Datasheet HTML 7Page - Microsemi Corporation LX8385 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DESCRIPTION
KEY FEA TURES
s
s
s
s
s Three-Terminal Adjustable Or Fixed
Output Voltage
s
s
s
s
s Guaranteed 1% Voltage Reference
Accuracy Over Line, Load And
Temperature (LX8385B)
s
s
s
s
s Guaranteed < 1.5V Headroom At 3A
(LX8385)
s
s
s
s
s Guaranteed < 1.3V Headroom At 3A
(LX8385A/8385B)
s
s
s
s
s Output Current Of 3A Minimum
p 0.015% Line Regulation
p 0.1% Load Regulation
The LX8385/8385A/8385B series ICs are
positive regulators designed to provide
3A output current. Each regulator yields
higher efficiency than currently available
devices with all internal circuitry designed
to operate down to a 1V input-to-output-
differential. In these products, the drop-
out voltage is fully specified as a function
of load current. The LX8385's dropout is
guaranteed at a maximum of 1.5V at maxi-
mum output current, decreasing at lower
load currents. The LX8385A/85B have a
maximum dropout voltage of 1.3V.
The LX8385B offers a tighter voltage
reference tolerance: ±1.0% over line, load
and temperature, with 0.8% initial accu-
racy. The LX8385/85A have 1.0% initial
accuracy, with 2% over line, load and tem-
perature.
The LX8385/85A/85B series devices are
pin-compatible with earlier 3-terminal
regulators, such as 117 series products.
While a 10µF output capacitor is required
on both input and output of these new
devices, this is generally included in most
regulator designs.
The quiescent current of the LX8385/
85A/85B series products flows into the
load, increasing efficiency. This feature
contrasts with PNP regulator designs,
where up to 10% of the output current is
wasted as quiescent current.
The LX8385-xxI is rated for -25°C to
+125°C applications, and the LX8385-xxC
/8385B-xxC is rated for 0°C to +125°C
applications.
PRODUCT HIGHLIGHT
3.3V, 3A REGULATOR
APPLICA TIONS
s High Efficiency Linear Regulators
s Post Regulators For Switching
Power Supplies
s Battery Chargers
s Constant Current Regulators
s Graphics & Standard Supplies
s Processor I/O Supply
s Low Voltage Memory & Chipset Supplies
3A L OW D ROPOUT P OSITIVE R EGULA TORS
P RODUCTION D AT A S HEET
T HE
I NFINITE
P OWER
OF
I NNOV A TION
LX8385-xx/8385A-xx/8385B-xx
LIN DOC #: 8385
LX8385
200
1%
1%
3.3V at 3A
5V
OUT
IN
ADJ
1500µF, 6.3V
6MV1500GX
2x 1500µF, 6.3V
6MV1500GX
from Sanyo
121
Note: All surface-mount packages are available in Tape & Reel. Append the letter "T" to part number
(i.e. LX8385-00CDDT).
"xx" refers to output voltage, please see table above.
* Consult factory for availability of TO-3 Metal Can.
LX8385/85A/85B-00
Adjustable
LX8385/85A/85B-33
3.3V
LX8385/85A/85B-05
5.0V
Part #
Output
Voltage
AVAILABLE O PTIONS PER PAR T #
Other voltage options may be available —
Please contact factory for details.
P ACKAGE ORDER INFORMA TION *
T
A (°C)
P
1.5V
LX8385-xxCP
LX8385-xxCD
0 to 125
1.3V
LX8385A-xxCP
LX8385A-xxCD
1.3V
LX8385B-xxCP
LX8385B-xxCD
-25 to 125
1.5V
LX8385-xxIP
LX8385-xxID
Dropout
Voltage
Plastic TO-220
3-pin
Plastic TO-263
3-pin
DD
Copyright © 1999
Rev. 2.0a 10/00
1
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841, 714-898-8121, FAX: 714-893-2570
L IN F INITY M ICROELECTRONICS I NC .
NOTE: For current data & package dimensions, visit our web site: http://www.linfinity.com.


Similar Part No. - LX8385

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LX8385-00CD ETC1-LX8385-00CD Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
LX8385-00CP ETC1-LX8385-00CP Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
LX8385-00ID ETC1-LX8385-00ID Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
More results

Similar Description - LX8385

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1085 TI1-LM1085_16 Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8415-XX MICROSEMI-LX8415-XX Datasheet
191Kb / 7P
   0.5 A LOW DROPOUT POSITIVE REGULATORS
LX8584-XX MICROSEMI-LX8584-XX Datasheet
206Kb / 7P
   7 A LOW DROPOUT POSITIVE REGULATORS
LX8383-XX MICROSEMI-LX8383-XX Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
logo
Linear Dimensions Semic...
LND1083 LINEAR_DIMENSIONS-LND1083 Datasheet
179Kb / 6P
   7.5 A, 5 A, 3 A Low Dropout Positive Adjustable Regulators
logo
Texas Instruments
LM1084 TI-LM1084_15 Datasheet
2Mb / 29P
[Old version datasheet]   LM1084 5-A Low Dropout Positive Regulators
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com