Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA378 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA378
Description  Low-Noise, 900kHz, RRIO,Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA378 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA378_15 Datasheet HTML 7Page - Texas Instruments OPA378_15 Datasheet HTML 8Page - Texas Instruments OPA378_15 Datasheet HTML 9Page - Texas Instruments OPA378_15 Datasheet HTML 10Page - Texas Instruments OPA378_15 Datasheet HTML 11Page - Texas Instruments OPA378_15 Datasheet HTML 12Page - Texas Instruments OPA378_15 Datasheet HTML 13Page - Texas Instruments OPA378_15 Datasheet HTML 14Page - Texas Instruments OPA378_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
CORE
-In
+In
Clamp
1.5kW
1.5kW
1k
Frequency(Hz)
100k
10k
1M
10M
100M
1G
0
10
20
30
40
-
-
-
-
f =25MHzwithParasitics
OverTemperature
29dBat800MHz
-
C
OPA378
OPA2378
www.ti.com
SBOS417D – JANUARY 2008 – REVISED OCTOBER 2009
INPUT DIFFERENTIAL VOLTAGE
OPA378 operational amplifier family incorporates an
internal input low-pass filter that reduces the amplifier
The typical input bias current of the OPA378 during
response
to
EMI.
Both
common-mode
and
normal
operation
is
approximately
150pA.
In
differential-mode filtering are provided by the input
over-driven conditions, the bias current can increase
filter. The filter is designed for a cutoff frequency of
significantly (see Figure 24). The most common
approximately 25MHz (–3dB), with a roll-off of 20dB
cause of an over-driven condition occurs when the op
per decade. Figure 29 shows the EMI filter.
amp is outside of the linear range of operation. When
the output of the op amp is driven to one of the
supply rails the feedback loop requirements cannot
be satisfied and a differential input voltage develops
across the input pins. This differential input voltage
results in activation of parasitic diodes inside the front
end input chopping switches that combine with 1.5k
EMI filter resistors to create the equivalent circuit
shown in Figure 28.
Figure 28. Equivalent Input Circuit
Figure 29. EMI Filter
INTERNAL OFFSET CORRECTION
GENERAL LAYOUT GUIDELINES
The OPA378 and OPA2378 family of op amps use an
auto-calibration technique with a time-continuous
Attention
to
good
layout
practices
is
always
350kHz op amp in the signal path. This amplifier is
recommended.
Keep
traces
short
and,
when
zero-corrected
every
3
μs
using
a
proprietary
possible, use a printed circuit board (PCB) ground
technique. Upon power-up, the amplifier requires
plane with surface-mount components placed as
approximately
100
μs
to
achieve
specified
VOS
close to the device pins as possible. Place a 0.1
μF
accuracy. This architecture has no aliasing or flicker
capacitor closely across the supply pins. These
noise.
guidelines should be applied throughout the analog
circuit to improve performance.
NOISE
For lowest offset voltage and precision performance,
The OPA378 series of op amps have excellent
circuit layout and mechanical conditions should be
distortion characteristics. Total harmonic distortion +
optimized. Avoid temperature gradients that create
noise is below 0.003% (G = +1, VO = 3VRMS, and f =
thermoelectric (Seebeck) effects in the thermocouple
1kHz, with a 10k
Ω load). Design of low-noise op amp
junctions
formed
from
connecting
dissimilar
circuits requires careful consideration of a variety of
conductors. These thermally-generated potentials can
possible noise contributors: noise from the signal
be made to cancel by assuring they are equal on
source, noise generated in the op amp, and noise
both
input
terminals.
Other
layout
and
design
from the feedback network resistors. The total noise
considerations include:
of the circuit is the root-sum-square combination of all
Use
low
thermoelectric-coefficient
conditions
the noise components.
(avoid dissimilar metals).
Thermally
isolate
components
from
power
EMI SUSCEPTIBILITY AND INPUT FILTERING
supplies or other heat sources.
Operational amplifiers vary in their susceptibility to
Shield op amp and input circuitry from air
electromagnetic interference (EMI). If conducted EMI
currents, such as cooling fans.
enters
the
operational
amplifier,
the
dc
offset
Following these guidelines reduces the likelihood of
observed at the amplifier output may shift from its
junctions being at different temperatures, which can
nominal value while the EMI is present. This shift is a
cause thermoelectric voltages of 0.1
μV/°C or higher,
result of signal rectification associated with the
depending on materials used.
internal semiconductor junctions. While all operational
amplifier pin functions can be affected by EMI, the
input pins are likely to be the most susceptible. The
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA378 OPA2378


Similar Part No. - OPA378_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA378 TI-OPA378_1 Datasheet
980Kb / 24P
[Old version datasheet]   Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
More results

Similar Description - OPA378_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA378 TI-OPA378_2 Datasheet
792Kb / 27P
[Old version datasheet]   Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA378 TI-OPA378_1 Datasheet
980Kb / 24P
[Old version datasheet]   Low-Noise, 900kHz, RRIO, Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA378 TI-OPA378 Datasheet
354Kb / 14P
[Old version datasheet]   Low Noise, 900kHz, 50mV, Rail-to-Rail Input/Output Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
logo
National Semiconductor ...
LMP7731 NSC-LMP7731 Datasheet
709Kb / 20P
   2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO, Operational Amplifier
logo
Texas Instruments
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
logo
National Semiconductor ...
OPA320 NSC-OPA320 Datasheet
1Mb / 37P
   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA320-Q1 TI1-OPA320-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
OPA2320 TI1-OPA2320 Datasheet
1Mb / 32P
[Old version datasheet]   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
OPA320 TI1-OPA320 Datasheet
1Mb / 31P
[Old version datasheet]   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com