Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD5-48 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # FD5-48
Description  Chassis Mount: Quick Pack
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

FD5-48 Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  FD5-48 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Transformer
Chassis Mount: Quick Pack
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
B
A
C
D
E
1
2
3
4
5
7
8
F
G
1
2
3
4
5
7
8
FD5-48
Description:
The FD5-48 Quick Pack small power transformer offers a significant reduction
in size and weight over a standard transformer. This transformer can be used
for a wide variety of applications. It is bobbin wound for reduced size and small
operating space.
Electrical Specifications (@25C);
Maximum Power: 12.0VA
Input Voltage:
Series:
230VAC@50/60Hz
Parallel: 115VAC@50/60Hz
Output Voltage: 48VCT@.25A
Hipot: 2500VAC primary to secondary; 1500VAC windings to core.
Construction:
Split bobbin non concentric winding eliminates costly electrostatic shielding.
Termination is suitable for quick connects or soldering.
Built with UL Class B Insulation System.
Safety:
UL: File E53148, UL 5085-1 and 2 (formerly UL 506), General Purpose.
Dimensions:
A
B
C
D
E
F
G
1.625
2.375
2.812
1.375
1.937
.187 Dia
.812
Notes: 1. Units: inches.
2. Terminal size: .187” X 0.021”.
3. Weight: .70 lbs
Schematic:
Input (115V): Input 1 & 2
Output: 5 & 8
Connect 1&3, 2&4
Input (230V): Input 1 & 4
Connect 2&3
RoHS Compliance: As of manufacturing date February 2005, all standard products
meet the requirements of 2011/65/EU, known as the RoHS initiative.
.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad
Magnetics’ website for the most current version.


Similar Part No. - FD5-48

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
FD5-10 TRIAD-FD5-10 Datasheet
217Kb / 3P
   Power Transformer Chassis Mount Quick Pack
FD5-10 TRIAD-FD5-10_13 Datasheet
49Kb / 1P
   Chassis Mount: Quick Pack
FD5-12 TRIAD-FD5-12 Datasheet
217Kb / 3P
   Power Transformer Chassis Mount Quick Pack
FD5-120 TRIAD-FD5-120 Datasheet
49Kb / 1P
   Chassis Mount: Quick Pack
FD5-12 TRIAD-FD5-12_13 Datasheet
49Kb / 1P
   Chassis Mount: Quick Pack
More results

Similar Description - FD5-48

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F3-16 TRIAD-F3-16_13 Datasheet
45Kb / 1P
   Chassis Mount: Quick Pack
FD5-16 TRIAD-FD5-16_13 Datasheet
49Kb / 1P
   Chassis Mount: Quick Pack
FD8-16 TRIAD-FD8-16 Datasheet
65Kb / 1P
   Chassis Mount: Quick Pack
FD6-24 TRIAD-FD6-24 Datasheet
65Kb / 1P
   Chassis Mount: Quick Pack
F3-20 TRIAD-F3-20_13 Datasheet
45Kb / 1P
   Chassis Mount: Quick Pack
F3-36 TRIAD-F3-36_13 Datasheet
45Kb / 1P
   Chassis Mount: Quick Pack
F3-48 TRIAD-F3-48_13 Datasheet
45Kb / 1P
   Chassis Mount: Quick Pack
F6-10 TRIAD-F6-10_13 Datasheet
45Kb / 1P
   Chassis Mount: Quick Pack
F6-12 TRIAD-F6-12_13 Datasheet
45Kb / 1P
   Chassis Mount: Quick Pack
F7-10 TRIAD-F7-10_13 Datasheet
45Kb / 1P
   Chassis Mount: Quick Pack
F7-28 TRIAD-F7-28_13 Datasheet
45Kb / 1P
   Chassis Mount: Quick Pack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com