Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA625 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA625
Description  OPAx625 High-Bandwidth, High-Precision, Low THDN, 16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA625 Datasheet(HTML) 3 Page - Texas Instruments

  OPA625_15 Datasheet HTML 1Page - Texas Instruments OPA625_15 Datasheet HTML 2Page - Texas Instruments OPA625_15 Datasheet HTML 3Page - Texas Instruments OPA625_15 Datasheet HTML 4Page - Texas Instruments OPA625_15 Datasheet HTML 5Page - Texas Instruments OPA625_15 Datasheet HTML 6Page - Texas Instruments OPA625_15 Datasheet HTML 7Page - Texas Instruments OPA625_15 Datasheet HTML 8Page - Texas Instruments OPA625_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
V+
MODE
±IN
OUT
+IN
1
2
3
6
5
4
V+
OUT B
±IN B
+IN B
MODE B
OUT A
±IN A
+IN A
MODE A
1
2
3
4
5
10
9
8
7
6
OPA625, OPA2625
www.ti.com
SBOS688A – APRIL 2015 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
OPA625: DBV Package
OPA2625: DGS Package
6-Pin SOT
10-Pin VSSOP
Top View
Top View
Pin Functions: OPA625
PIN
I/O
DESCRIPTION
NAME
NO
+IN
3
I
Noninverting input
–IN
4
I
Inverting input
Controls OPA625 mode:
V+ = low-power mode
MODE
5
I
V– = high-drive mode
NOTE: Do not float this pin.
OUT
1
O
Output terminal
V+
6
Positive supply voltage
V–
2
Negative supply voltage
Pin Functions: OPA2625
PIN
I/O
DESCRIPTION
NAME
NO.
+IN A
3
I
Noninverting input for channel A
–IN A
2
I
Inverting input for channel A
+IN B
7
I
Noninverting input for channel B
–IN B
8
I
Inverting input for channel B
Controls OPA2625 mode for channel A:
V+ = low-power mode
MODE A
5
I
V– = high-drive mode
NOTE: Do not float this pin.
Controls OPA2625 mode for channel B:
V+ = low-power mode
MODE B
6
I
V– = high-drive mode
NOTE: Do not float this pin.
OUT A
1
O
Output terminal for channel A
OUT B
9
O
Output terminal for channel B
V+
10
Positive supply voltage
V–
4
Negative supply voltage
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA625 OPA2625


Similar Part No. - OPA625_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA6250 TI-OPA6250 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA625IDBVR TI1-OPA625IDBVR Datasheet
2Mb / 46P
[Old version datasheet]   18-Bit Analog-to-Digital Converter (ADC) Drivers
OPA625IDBVT TI1-OPA625IDBVT Datasheet
2Mb / 46P
[Old version datasheet]   18-Bit Analog-to-Digital Converter (ADC) Drivers
More results

Similar Description - OPA625_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA625 TI-OPA625 Datasheet
2Mb / 44P
[Old version datasheet]   OPAx625 High-Bandwidth, High-Precision, Low THDN,16-Bit and 18-Bit Analog-to-Digital Converter (ADC) Drivers
OPA625 TI1-OPA625 Datasheet
2Mb / 46P
[Old version datasheet]   18-Bit Analog-to-Digital Converter (ADC) Drivers
logo
Analog Devices
AD1139 AD-AD1139 Datasheet
454Kb / 6P
   High Accuracy 18-Bit Digital-to-Analog Converter
logo
Intronics Power, Inc.
DAC1136 INTRONICS-DAC1136 Datasheet
1Mb / 8P
   High Resolution 16 and 18-Bit Digital-to-Analog Converters
logo
Analog Devices
DAC1136 AD-DAC1136_15 Datasheet
3Mb / 8P
   HIGH RESOLUTION 16 AND 18 BIT DIGITAL TO ANALOG CONVERTERS
logo
NXP Semiconductors
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
   10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
TDA8768 PHILIPS-TDA8768 Datasheet
126Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1998 Aug 26
TDA8767 PHILIPS-TDA8767 Datasheet
129Kb / 20P
   12-bit high-speed Analog-to-Digital Converter ADC
1999 Feb 16
logo
Burr-Brown (TI)
PCM58P BURR-BROWN-PCM58P Datasheet
64Kb / 6P
   Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS1262 TI1-ADS1262 Datasheet
2Mb / 133P
[Old version datasheet]   32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com