Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXM1700-05 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LXM1700-05
Description  PENTIUM II VRM MODULE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXM1700-05 Datasheet(HTML) 1 Page - Microsemi Corporation

  LXM1700-05 Datasheet HTML 1Page - Microsemi Corporation LXM1700-05 Datasheet HTML 2Page - Microsemi Corporation LXM1700-05 Datasheet HTML 3Page - Microsemi Corporation LXM1700-05 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
KEY FEA TURES
The LXM1700/1700A series of DC/DC
converters are Voltage Regulator
Modules (VRM) which are specifically
designed to meet or exceed the Intel
VRM8.1 DC/DC Converter electrical
specification as well as its mechanical
outline. The LXM1700-xx/1700A-xx is
guaranteed to deliver a maximum
current of at least 14A. These convert-
ers maintain a total tolerance of ±5%
maximum, which includes load and
line regulation, temperature stability,
inital accuracy, load transient and
ripple and noise. One of the main
features of these converters is their
ability to program the output voltage
from 1.8 to 3.5V using a 5-bit word
from the processors, providing
automatic voltage adjustment for each
individual processor. Other features
s
s
s
s
s GUARANTEED 14.0A OUTPUT
p TOTAL OUTPUT TOLERANCE OF LESS
THAN ±5% — Includes: Line & load
regulation, temperature stability, initial
accuracy, load transient and ripple & noise.
p ADJUSTABLE OUTPUT VOLTAGE USING A
FIVE-BIT WORD (See Table 1)
p OVER-VOLTAGE DETECTION CROWBARS
THE OUTPUT VOLTAGE IN THE EVENT OF
PASS TRANSISTOR FAILURE - 100%
PROCESSOR PROTECTION (LXM1700-xx)
p HIGH EFFICIENCY — 85% (TYP.)
p POWER GOOD SIGNAL INDICATES LOW
OUTPUT VOLTAGE
p SOFT-START ELIMINATES TURN-ON
OVERSHOOT
p SHORT-CIRCUIT PROTECTION
p OUTPUT ENABLE /SHUTDOWN
MODULE ORDER INFORMATION
LXM1700-05
+5V, +12V
14.0A
Yes
LXM1700-12
+12V
14.0A
LXM1700A-05
+5V, +12V
14.0A
No
LXM1700A-12
+12V
14.0A
Part #
Input
I
MAX
O.V. Protection Crowbar
include high efficiency, short-circuit
protection, over-voltage protection
(LXM1700-xx only), under-voltage
detection, soft start and logic level
output enable functions.
The LXM1700-05/1700A-05 powers
the processor using the 5V supply as
the input power and 12V for the
control bias. The LXM1700-12/
1700A-12 powers the processor using
only the 12V supply and does not need
a separate voltage for the control bias
(see Block Diagram below). The +5V
or the +12V input configuration is
factory set via simple jumper connec-
tions. The LXM1700-12/1700A-12 is
primarily used for multiple processor
applications, such as quad processor
servers, where 5V supplies may not
have the needed current capability.
BLOCK DIAGRAM
LXM1700-05/1700A-05
IN A
+5V SUPPLY APPLICATION
LXM1700-12/1700A-12
IN A
+12V SUPPLY APPLICATION
P ENTIUM ® II VRM M ODULE
P RELIMINAR Y D AT A S HEET
T HE
I NFINITE
P OWER
OF
I NNOV A TION
Copyright © 1997
Rev. 0.4
4/97
FOR FUR THER INFORMA TION CALL (714) 898-8121
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841
LXM1700-xx/1700A-xx
1
LIN DOC #: 1700
MODULE PHOTO
APPLICA TIONS
s PENTIUM II PROCESSOR
s PENTIUM PRO PROCESSOR
s ADVANCED MICROPROCESSOR SUPPLIES
V
CC (VID)
V
SS
PWRGD
VID3
VID2
VID1
VID0
OUTEN
µP
Disable
5V
12V
V
CCP (VID)
V
SS
VID0
OUTEN
µP
Disable
12V
5V
IN
12V
IN
12V
IN
UP#
VID4
PWRGD
UP#
VID3
VID2
VID1
VID4


Similar Part No. - LXM1700-05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1596-01 MICROSEMI-LXM1596-01 Datasheet
247Kb / 5P
   WIDE INPUT CCFL INVERTER MODULES
LXM1597-01 MICROSEMI-LXM1597-01 Datasheet
233Kb / 5P
   5V CCFL INVERTER MODULES
LXM1598-01 MICROSEMI-LXM1598-01 Datasheet
235Kb / 5P
   12V CCFL INVERTER MODULES
LXM1610-01 MICROSEMI-LXM1610-01 Datasheet
124Kb / 4P
   DIRECT DRIVE CCFL INVERTER MODULE
LXM1611-01 MICROSEMI-LXM1611-01 Datasheet
168Kb / 5P
   DIGIT DIMMING CCFL INVERTER MODULE
More results

Similar Description - LXM1700-05

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3870 FUJITSU-MB3870 Datasheet
238Kb / 25P
   Pentium II DC/DC Converter IC
logo
Integrated Circuit Syst...
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
   Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
   Frequency Timing Generator for Pentium II Systems
logo
Fujitsu Component Limit...
MB3871 FUJITSU-MB3871 Datasheet
228Kb / 25P
   Mobile Pentium II DC/DC Converter IC
logo
Integrated Circuit Syst...
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
   Frequency Timing Generator for PENTIUM II Systems
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
   Frequency Timing Generator for PENTIUM II Systems
ICS9248-50 ICST-ICS9248-50_1 Datasheet
256Kb / 10P
   Frequency Timing Generator for Pentium II Systems
ICS9250-09 ICST-ICS9250-09 Datasheet
336Kb / 12P
   Frequency Timing Generator for PENTIUM II Systems
ICS9248-50 ICST-ICS9248-50 Datasheet
261Kb / 11P
   Frequency Timing Generator for Pentium II Systems
ICS9248-72 ICST-ICS9248-72 Datasheet
552Kb / 12P
   Frequency Timing Generator for PENTIUM II Systems
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com