Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF3420 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # SSF3420
Description  30V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF3420 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  SSF3420_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF3420_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF3420_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF3420_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF3420_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF3420_15 Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SSF3420
30V N-Channel MOSFET
www.goodark.com
Page 3 of 6
Rev.2.0
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
Figure 3 Power Dissipation
TJ-Junction Temperature(℃)
Vds Drain-Source Voltage (V)
Figure 5 Output CHARACTERISTICS
Vgs
Rgen
Vin
G
Vdd
Rl
Vout
S
D
Figure 1:Switching Test Circuit
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
Figure 2:Switching Waveforms
Figure 4 Drain Current
TJ-Junction Temperature(℃)
Figure 6 Drain-Source On-Resistance
ID- Drain Current (A)


Similar Part No. - SSF3420_15

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF3420 SILIKRON-SSF3420 Datasheet
367Kb / 7P
   PWM applications
logo
GOOD-ARK Electronics
SSF3420 GOOD-ARK-SSF3420 Datasheet
709Kb / 6P
   30V N-Channel MOSFET
More results

Similar Description - SSF3420_15

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com