Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1652 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA1652
Description  Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1652 Datasheet(HTML) 3 Page - Texas Instruments

  OPA1652_15 Datasheet HTML 1Page - Texas Instruments OPA1652_15 Datasheet HTML 2Page - Texas Instruments OPA1652_15 Datasheet HTML 3Page - Texas Instruments OPA1652_15 Datasheet HTML 4Page - Texas Instruments OPA1652_15 Datasheet HTML 5Page - Texas Instruments OPA1652_15 Datasheet HTML 6Page - Texas Instruments OPA1652_15 Datasheet HTML 7Page - Texas Instruments OPA1652_15 Datasheet HTML 8Page - Texas Instruments OPA1652_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
OPA1652
OPA1654
www.ti.com
SBOS477
– DECEMBER 2011
ELECTRICAL CHARACTERISTICS: VS = ±15 V
At TA = +25°C, RL = 2 kΩ, and VCM = VOUT = midsupply, unless otherwise noted.
OPA1652, OPA1654
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUDIO PERFORMANCE
0.00005
%
THD+N
Total harmonic distortion + noise
G = +1, f = 1 kHz, VO = 3 VRMS
–126
dB
0.00005
%
SMPTE/DIN Two-Tone, 4:1
(60 Hz and 7 kHz)
–126
dB
0.00005
%
G = +1,
DIM 30 (3-kHz square wave
IMD
Intermodulation distortion
VO = 3 VRMS
and 15-kHz sine wave)
–126
dB
0.00005
%
CCIF Twin-Tone
(19 kHz and 20 kHz)
–126
dB
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
G = +1
18
MHz
SR
Slew rate
G =
–1
10
V/
μs
Full power bandwidth(1)
VO = 1 VP
1.6
MHz
Overload recovery time
G =
–10
1
μs
Channel separation (dual and quad)
f = 1 kHz
–120
dB
NOISE
en
Input voltage noise
f = 20 Hz to 20 kHz
5.4
μVPP
Input voltage noise density
f = 1 kHz
4.5
nV/
√Hz
In
Input current noise density
f = 1 kHz
0.5
pA/
√Hz
OFFSET VOLTAGE
VS = ±2.25 V to ±18 V
±0.5
±1.5
mV
VOS
Input offset voltage
VS = ±2.25 V to ±18 V, TA = –40°C to +85°C
(2)
2
8
μV/°C
PSRR
Power-supply rejection ratio
VS = ±2..25 V to ±18 V
3
8
μV/V
INPUT BIAS CURRENT
IB
Input bias current
VCM = 0 V
±10
±100
pA
IOS
Input offset current
VCM = 0 V
±10
±100
pA
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
(V
–) + 0.5
(V+)
– 2
V
CMRR
Common-mode rejection ratio
100
110
dB
INPUT IMPEDANCE
Differential
100 || 6
M
Ω || pF
Common-mode
6000 || 2
G
Ω || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(V
–) + 0.8 V ≤ VO ≤ (V+) – 0.8 V, RL = 2 kΩ
106
114
dB
OUTPUT
VOUT
Voltage output
RL = 2 kΩ
(V
–) + 0.8
(V+)
– 0.8
V
IOUT
Output current
See Typical Characteristics
mA
ZO
Open-loop output impedance
f = 1 MHz
See Typical Characteristics
ISC
Short-circuit current(3)
±50
mA
CLOAD
Capacitive load drive
100
pF
POWER SUPPLY
VS
Specified voltage
±2.25
±18
V
IOUT = 0 A
2.0
2.5
mA
Quiescent current
IQ
(per channel)
IOUT = 0 A, TA = –40°C to +85°C
(2)
2.8
mA
(1)
Full-power bandwidth = SR/(2
π × VP), where SR = slew rate.
(2)
Specified by design and characterization.
(3)
One channel at a time.
Copyright
© 2011, Texas Instruments Incorporated
3
Product Folder Link(s): OPA1652 OPA1654


Similar Part No. - OPA1652_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1652 TI1-OPA1652_16 Datasheet
1Mb / 42P
[Old version datasheet]   Audio Operational Amplifiers
More results

Similar Description - OPA1652_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1652 TI1-OPA1652 Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise and Distortion, General-Purpose, FET-Input
OPA1662-Q1 TI-OPA1662-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1662 TI1-OPA1662 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low Noise and Distortion, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1655 TI-OPA1655 Datasheet
3Mb / 38P
[Old version datasheet]   OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown??Audio Operational Amplifiers
DECEMBER 2021
OPA1692 TI1-OPA1692 Datasheet
488Kb / 23P
[Old version datasheet]   Low-Power, Low-Noise and Low-Distortion Audio Operational Amplifiers
OPA1655 TI-OPA1655_V01 Datasheet
3Mb / 42P
[Old version datasheet]   OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown™ Audio Operational Amplifiers
REVISED SEPTEMBER 2022
OPA1692 TI1-OPA1692_18 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Power, Low-Noise and Low-Distortion SoundPlus Audio Operational Amplifiers
OPA131 TI1-OPA131_16 Datasheet
1Mb / 21P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
OPA4131NAG4 TI-OPA4131NAG4 Datasheet
1Mb / 20P
[Old version datasheet]   General-Purpose FET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com